Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1717E Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1717E
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1717E Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button PCM1717E Datasheet HTML 6Page - Burr-Brown (TI) PCM1717E Datasheet HTML 7Page - Burr-Brown (TI) PCM1717E Datasheet HTML 8Page - Burr-Brown (TI) PCM1717E Datasheet HTML 9Page - Burr-Brown (TI) PCM1717E Datasheet HTML 10Page - Burr-Brown (TI) PCM1717E Datasheet HTML 11Page - Burr-Brown (TI) PCM1717E Datasheet HTML 12Page - Burr-Brown (TI) PCM1717E Datasheet HTML 13Page - Burr-Brown (TI) PCM1717E Datasheet HTML 14Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
®
10
PCM1717
DIN (pin 5)
DIN (pin 5)
Audio Data Word = 16-Bit
LRCIN (pin 4)
BCKIN (pin 6)
16
14
MSB
LSB
MSB
LSB
Left-channel Data
Right-channel Data
1 f/s
15
16
12
3
16
14
15
12
3
14
15
Audio Data Word = 18-Bit
18
16
MSB
LSB
MSB
LSB
17
18
12
3
18
16
17
12
3
16
17
FIGURE 5. “Normal” Data Input Timing.
FIGURE 6. “I2S” Data Input Timing.
DIN (pin 5)
DIN (pin 5)
Audio Data Word = 16-Bit
LRCIN (pin 4)
BCKIN (pin 6)
16
14
MSB
LSB
MSB
LSB
Left-channel Data
Right-channel Data
1 f/s
15
12
3
16
14
15
12
3
Audio Data Word = 18-Bit
18
16
MSB
LSB
MSB
LSB
17
12
3
18
16
17
12
3
12
12
t
BCH
t
BCL
t
LB
t
BCY
t
BL
t
DH
t
DS
50% of V
DD
50% of V
DD
50% of V
DD
LRCIN
BCKIN
DIN
BCKIN Pulsewidth (High Level)
tBCH
50ns (min)
BCKIN Pulsewidth (Low Level)
tBCL
50ns (min)
BCKIN Pulse Cycle Time
tBCY
100ns (min)
BCKIN Rising Edge ¨ LRCIN Edge
tBL
30ns (min)
LRCIN Edge ¨ BCKIN Rising Edge
tLB
30ns (min)
DIN Setup Time
tDS
30ns (min)
DIN Hold Time
tDH
30ns (min)
FIGURE 7. Data Input Timing.
Bit 1 is used to select the polarity of LRCIN (sample rate
clock). When bit 1 is LOW, a HIGH state on LRCIN is used
for the left channel, and a LOW state on LRCIN is used for
the right channel. When bit 1 is HIGH the polarity of LRCIN
is reversed.
Bit 2 is used to select the input word length. When bit 2 is
LOW, the input word length is set for 16 bits; when bit 2 is
HIGH, the input word length is set for 18 bits.
Bit 3 is used as an attenuation control. When bit 3 is set
HIGH, the attenuation data on Register 0 is used for both
channels, and the data in Register 1 is ignored. When bit 3
is LOW, each channel has separate attenuation data.
Bits 4 through 7 are used to determine the output format, as
shown in Table V:
PL0
PL1
PL2
PL3
Lch OUTPUT
Rch OUTPUT
NOTE
0
0
0
0
MUTE
MUTE
MUTE
0
0
0
1
MUTE
R
0
0
1
0
MUTE
L
0
0
1
1
MUTE
(L + R)/2
0
1
0
0
R
MUTE
01
0
1
R
R
0
1
1
0
R
L
REVERSE
0
1
1
1
R
(L + R)/2
1
0
0
0
L
MUTE
1
0
0
1
L
R
STEREO
10
1
0
L
L
1
0
1
1
L
(L + R)/2
1
1
0
0
(L + R)/2
MUTE
1
1
0
1
(L + R)/2
R
1
1
1
0
(L + R)/2
L
1
1
1
1
(L + R)/2
(L + R)/2
MONO
TABLE V. PCM1717 Output Mode Control.
REGISTER RESET STATES
After reset, each register is set to a predetermined state:
Register 0
0000 0000 1111 1111
Register 1
0000 0010 1111 1111
Register 2
0000 0100 0000 0000
Register 3
0000 0110 1001 0000


Similar Part No. - PCM1717E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1717E TI1-PCM1717E Datasheet
204Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1717E-3 TI1-PCM1717E-3 Datasheet
204Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1717E-3G4 TI1-PCM1717E-3G4 Datasheet
204Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1717E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com