Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1717 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1717
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1717 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button PCM1717 Datasheet HTML 5Page - Burr-Brown (TI) PCM1717 Datasheet HTML 6Page - Burr-Brown (TI) PCM1717 Datasheet HTML 7Page - Burr-Brown (TI) PCM1717 Datasheet HTML 8Page - Burr-Brown (TI) PCM1717 Datasheet HTML 9Page - Burr-Brown (TI) PCM1717 Datasheet HTML 10Page - Burr-Brown (TI) PCM1717 Datasheet HTML 11Page - Burr-Brown (TI) PCM1717 Datasheet HTML 12Page - Burr-Brown (TI) PCM1717 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
®
9
PCM1717
IZD = 1
IZD = 0
RSTB = “HIGH”
RSTB = “LOW”
SOFTWARE MODE
DATA INPUT
DAC OUTPUT
INPUT
Zero
Forced to BPZ(1)
Enabled
Other
Forced to BPZ(1)
Enabled
Zero
Controlled by IZD
Enabled
Other
Normal
Enabled
DATA INPUT
DAC OUTPUT
Zero
Forced to BPZ(1)
Other
Normal
Zero
Zero(2)
Other
Normal
Bits 3 (OPE) and 4 (IZD) are used to control the infinite zero
detection features. Tables II through IV illustrate the rela-
tionship between IZD, OPE, and RSTB (reset control):
ATTENUATION DATA LOAD CONTROL
Bit 8 (LDL) is used to control the loading of attenuation data
in B0:B7. When LDL is set to 0, attenuation data will be
loaded into AL0:AL7, but it will not affect the attenuation
level until LDL is set to 1. LDR in Register 1 has the same
function for right channel attenuation. The attenuation level
is given by:
ATT = 20log (y/256) (dB), where y = x, when
0 ≤ x ≤ 254
y = x + 1, when x = 255
X is the user-determined step number, an integer value
between 0 and 255.
Example:
let x = 255
let x = 254
let x = 1
let x = 0
REGISTER 1
TABLE II. Infinite Zero Detection (IZD) Function.
OPE = 1
OPE = 0
TABLE III. Output Enable (OPE) Function.
SOFTWARE
MODE
DATA INPUT
DAC OUTPUT
INPUT
Zero
Controlled by OPE and IZD
Enabled
Other
Controlled by OPE and IZD
Enabled
Zero
Forced to BPZ(1)
Disabled
Other
Forced to BPZ(1)
Disabled
TABLE IV. Reset (RSTB) Function.
NOTE: (1)
∆∑ is disconnected from output amplifier. (2) ∆∑ is connected to
output amplifier.
OPE controls the operation of the DAC: when OPE is
“LOW”, the DAC will convert all non-zero input data. If the
input data is continuously zero for 65,536 cycles of BCKIN,
the output will only be forced to zero only if IZD is “HIGH”.
When OPE is “HIGH”, the output of the DAC will be forced
to bipolar zero, irrespective of any input data.
IZD controls the operation of the zero detect feature: when
IZD is “LOW”, the zero detect circuit is off. Under this
condition, no automatic muting will occur if the input is
continuously zero. When IZD is “HIGH”, the zero detect
feature is enabled. If the input data is continuously zero for
65,536 cycle of BCKIN, the output will be immediately
forced to a bipolar zero state (VCC/2). The zero detection
feature is used to avoid noise which may occur when the
input is DC. When the output is forced to bipolar zero, there
may be an audible click. PCM1717 allows the zero detect
feature to be disabled so the user can implement an external
muting circuit.
REGISTER 3
B15 B14 B13 B12 B11 B10 B9 B8
B7
B6 B5
B4
B3
B2
B1
B0
res
res res res
res A1
A0 res PL3 PL2 PL1 PL0 ATC
IW LRP
IIS
Register 3 is used to select the I/O data formats. Bit 0 (IIS)
is used to control the input data format. If the input data
source is normal (16- or 18-bit, MSB first, right-justified),
set bit 0 “LOW”. If the input format is IIS, set bit 0 “HIGH”.
ATT
= 20 log
0
256
 =
ATT
= 20 log
1
256
 =
– 48.16dB
ATT
= 20 log
254
256
 =
–0. 068dB
ATT
= 20 log
255
+1
256
 =
0dB
B15 B14 B13 B12 B11 B10 B9 B8
B7 B6 B5
B4 B3 B2
B1 B0
res res res res res
A1 A0 LDR AR7 AR6 AR5 AR4 AR3 AR2 AR1 AR0
Register 1 is used to control right channel attenuation. As
in Register 1, bits 0-7 (AR0-AR7) control the level of
attenuation.
REGISTER 2
B15 B14 B13 B12 B11 B10 B9 B8
B7
B6 B5
B4
B3
B2
B1
B0
res res res res
res A1
A0 res
res res res IZD OPE DM1 DM0 MUTE
Register 2 is used to control soft mute, digital de-emphasis,
disable, and infinite zero detect. Bit 0 is used for soft mute;
a HIGH level on bit 0 will cause the output to be muted.
Bits 1 and 2 are used to control digital de-emphasis as
shown below:
BIT 1 (DM0)
BIT 2 (DM1)
DE-EMPHASIS
0
0
De-emphasis disabled
1
0
De-emphasis enabled at 48kHz
0
1
De-emphasis enabled at 44.1kHz
1
1
De-emphasis enabled at 32kHz


Similar Part No. - PCM1717

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1717 TI1-PCM1717 Datasheet
204Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1717E TI1-PCM1717E Datasheet
204Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1717E-3 TI1-PCM1717E-3 Datasheet
204Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1717E-3G4 TI1-PCM1717E-3G4 Datasheet
204Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1717 TI1-PCM1717_16 Datasheet
204Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1717

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com