Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1710 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1710
Description  Stereo Audio DIGITAL-TO-ANALOG CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1710 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button PCM1710 Datasheet HTML 7Page - Burr-Brown (TI) PCM1710 Datasheet HTML 8Page - Burr-Brown (TI) PCM1710 Datasheet HTML 9Page - Burr-Brown (TI) PCM1710 Datasheet HTML 10Page - Burr-Brown (TI) PCM1710 Datasheet HTML 11Page - Burr-Brown (TI) PCM1710 Datasheet HTML 12Page - Burr-Brown (TI) PCM1710 Datasheet HTML 13Page - Burr-Brown (TI) PCM1710 Datasheet HTML 14Page - Burr-Brown (TI) PCM1710 Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
®
PCM1710U
FUNCTION MODE SELECTION
B0
B1
B2
BIT NO.
FLAG
MODE
BIT VALUE
SELECTED FUNCTION
DEFAULT
B3
DEEM2
B4
DEEM1
Sampling Frequency
for De-emphasis
Mode
H
L
L
B5
IIR
De-emphasis
0
De-emphasis OFF
1
1
De-emphasis ON
B6
MUTE
Mute
0
Mute OFF
1
Mute ON
B7
DSD
Double-Speed
0
Double-speed OFF
1
Double-speed ON
B3
Not Assigned
B4
TST
Test Mode
0
Infinite Zero Detection OFF
1
Infinite Zero Detection ON
Mode
H
L
H
B5
IW
Input Resolution
0
16-Bit
2
1
20-Bit
B6
LRPL
Polarity for LRCI
0
Lch:high/Rch:low
Lch:high
1
Lch:low/Rch:high
Rch:low
B7
IIS
Input Format
0
Normal
1
IIS
DEEM2
01
DEEM1
0
48kHz
1
32kHz
44.1kHz
FIGURE 6. Mode Control Input Format, Serial Mode.
DIGITAL DE-EMPHASIS
PCM1710 allows three different sampling rates for digital
de-emphasis. B3 and B4 are used for binary control of the
de-emphasis frequency:
B3
B4
Frequency
0
0
OFF
0
1
48kHz
1
0
32kHz
1
1
44.1kHz
MODE 1 CONTROLS
This mode can be enabled with the sequence of 1, 0, 0 as the
first three bits on MD (pin 26). This mode allows for the
following functions:
De-emphasis
On/Off
De-emphasis Frequency
32kHz, 44.1kHz, 48kHz
Soft Mute
On/Off
Double-Speed Dubbing
On/Off
DIGITAL ATTENUATION
One of the functions which can be implemented through use
of the serial mode control is attenuation. This function
allows the user to control the level of the output, indepen-
dent of the of the input level set by the actual input data
supplied to the DAC.
Referring to Figure 6, when the first data bit (B0) on MD
(pin 26) is low, the attenuation function is enabled. The next
seven bits (B1 - B6) define a binary value, ATT_DATA, that
indicates the desired level of attenuation. The attenuation
level is given by:
Level = 20log10 (1 - ATT_DATA/127) dB
When all 7 bits of the ATT_DATA word are high
(ATT_DATA = 127), attenuation is infinite and the output
of PCM1710 will be zero.
MODE
TABLE VII. Serial-Mode Control Input Format (Pin 24 [MODE] = H)—Refer to Figure 6 for Timing Diagram.
MODE BY
L
H
H
ML
Attenuation
Mode
Mode 1
ATT_DATA
Mode 2
Bit#
MC
D6
L
L
D5
L
H
D4
DEEM2
D3
DEEM1
TST
IW
D2
IIR
D1
MUTE
LRPL
D0
DSD
IIS
B0
B1
B2
B4
B5
B6
B7
B3
MD
NOTE: Cycle Time for Model Control—Cycle time for mode control must be set over 128 times of minimum system clock.
OFF
OFF
OFF
ON
16-Bit
Normal


Similar Part No. - PCM1710

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1712 BURR-BROWN-PCM1712 Datasheet
101Kb / 16P
   DIGITAL-TO-ANALOG CONVERTER
PCM1712U BURR-BROWN-PCM1712U Datasheet
101Kb / 16P
   DIGITAL-TO-ANALOG CONVERTER
PCM1715 BURR-BROWN-PCM1715 Datasheet
77Kb / 9P
   Dual Voltage Output CMOS Delta-Sigma DIGITAL-TO-ANALOG CONVERTER With On-Chip Digital Filter
PCM1715U BURR-BROWN-PCM1715U Datasheet
77Kb / 9P
   Dual Voltage Output CMOS Delta-Sigma DIGITAL-TO-ANALOG CONVERTER With On-Chip Digital Filter
PCM1716 BURR-BROWN-PCM1716 Datasheet
222Kb / 14P
   24-Bit, 96kHz Sampling CMOS Delta-Sigma Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1794 TI1-PCM1794_09 Datasheet
429Kb / 30P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1792 TI1-PCM1792_09 Datasheet
672Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PCM1725U TI-PCM1725U Datasheet
638Kb / 14P
[Old version datasheet]   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
PCM1796 TI1-PCM1796_15 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1717 BURR-BROWN-PCM1717 Datasheet
126Kb / 14P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com