Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1704U Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1704U
Description  24-Bit, 96kHz BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1704U Datasheet(HTML) 6 Page - Burr-Brown (TI)

  PCM1704U Datasheet HTML 1Page - Burr-Brown (TI) PCM1704U Datasheet HTML 2Page - Burr-Brown (TI) PCM1704U Datasheet HTML 3Page - Burr-Brown (TI) PCM1704U Datasheet HTML 4Page - Burr-Brown (TI) PCM1704U Datasheet HTML 5Page - Burr-Brown (TI) PCM1704U Datasheet HTML 6Page - Burr-Brown (TI) PCM1704U Datasheet HTML 7Page - Burr-Brown (TI) PCM1704U Datasheet HTML 8Page - Burr-Brown (TI) PCM1704U Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
®
6
PCM1704
THEORY OF OPERATION
SIGN-MAGNITUDE ARCHITECTURE
Digital audio systems have traditionally used laser-trimmed,
current-source DACs in order to achieve sufficient accuracy.
However, even the best of these suffer from potential low-
level nonlinearity due to errors in the major carry bipolar
zero transition. Current systems have turned to oversampling
data converters, such as the popular delta-sigma architec-
tures, to correct the linearity problems. This is done, how-
ever, at the expense of signal-to-noise performance, and the
noise shaping techniques utilized by these converters creates
a considerable amount of out-of-band noise. If the outputs
are not properly filtered, dynamic performance of the overall
system will be adversely effected.
The PCM1704 employs an innovative architecture which
combines the advantages of traditional DACs (e.g., excellent
full-scale performance, high signal-to-noise ratio, and ease
of use) with superior low-level performance. This architec-
ture is referred to as sign-magnitude. Two DACs are com-
bined in a complementary arrangement to produce an ex-
tremely linear output. The two DACs share a common
reference, and a common R-2R ladder for bit current sources.
The R-2R ladder utilizes dual balanced current segments to
ensure ideal tracking under all conditions. By interleaving
the individual bits of each DAC and employing precision
laser-trimming of resistors, a highly accurate match between
the two DACs is achieved.
The sign-magnitude architecture, which steps away from
zero with small steps in both directions, avoids any glitching
or large linearity errors, and provides an absolute current
output. The low-level performance of the PCM1704 is such
that true 24-bit resolution can be realized around the critical
bipolar zero point.
DISCUSSION OF KEY
SPECIFICATIONS
TOTAL HARMONIC DISTORTION + NOISE (THD+N)
This is the key specification for the PCM1704. Digital data
words are read into the PCM1704 at eight times the standard
DVD audio sampling frequency of 96kHz (e.g., 8 x 96kHz =
768kHz) to create a sinewave output of 1100Hz. The output
of the DAC is then passed through analog signal conditioning
circuitry before being input to a distortion analyzer.
For production testing, the output of the DAC is connected
to a current-to-voltage (I/V) converter. The output of the
I/V converter is then connected to a 40kHz, 3rd-order GIC
low-pass filter. The filter output is then passed on to a
programmable gain amplifier to provide gain for low-level
test signals before being fed into an analog distortion
analyzer (Shiba Soku Model 725 or equivalent).
For the audio bandwidth, the THD+N for the PCM1704 is
essentially flat for all frequencies.
DYNAMIC RANGE
Dynamic range in data converters is specified as the measure
of THD+N at an effective output signal level of –60dBFS
(conforms to EIAJ method with A-weighting applied). Reso-
lution is commonly used as a theoretical measure of dy-
namic range, but it does not take into account the effects of
distortion and noise at low signal levels. The sign-magnitude
architecture of the PCM1704, with its ideal performance
around bipolar zero, provides a more usable dynamic range
(even with the strict audio definition) than any other previ-
ously available D/A converter.
IDLE CHANNEL SIGNAL-TO-NOISE RATIO (SNR)
Another important specification for a digital audio converter
is idle channel signal-to-noise ratio (Idle Channel SNR).
This is the ratio of the noise on the DAC output at bipolar
zero compared to the full-scale range of the D/A converter.
To make this measurement, the digital input is continually
fed the code for bipolar zero, while the output of the DAC
is band limited from 20Hz to 20kHz and A-weighting is
applied. The ideal channel SNR for the PCM1704 is typi-
cally greater than 120dB, making it ideal for low noise
applications.
OFFSET GAIN AND TEMPERATURE DRIFT
Although the PCM1704’s primary application is in high
performance digital audio systems where dynamic specifica-
tions are most important, specifications are also given for
more traditional DC parameters. These include gain error,
bipolar zero offset, temperature gain and offset drift. These
specifications are important in test and measurement sys-
tems, which is the other main systems application for the
PCM1704.


Similar Part No. - PCM1704U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1704U TI-PCM1704U Datasheet
558Kb / 13P
[Old version datasheet]   BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PCM1704U-2K TI-PCM1704U-2K Datasheet
558Kb / 13P
[Old version datasheet]   BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PCM1704U-J TI-PCM1704U-J Datasheet
558Kb / 13P
[Old version datasheet]   BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PCM1704U-J-ND TI-PCM1704U-J-ND Datasheet
558Kb / 13P
[Old version datasheet]   BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
PCM1704U-K TI-PCM1704U-K Datasheet
558Kb / 13P
[Old version datasheet]   BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1704U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1704U-2K TI-PCM1704U-2K Datasheet
558Kb / 13P
[Old version datasheet]   BiCMOS Sign-Magnitude DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1702P BURR-BROWN-PCM1702P_07 Datasheet
272Kb / 13P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
PCM1702P BURR-BROWN-PCM1702P Datasheet
129Kb / 8P
   BiCMOS Advanced Sign Magnitude 20-Bit DIGITAL-TO-ANALOG CONVERTER
DF1704 BURR-BROWN-DF1704 Datasheet
222Kb / 16P
   Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
PCM1732 BURR-BROWN-PCM1732 Datasheet
176Kb / 18P
   24-Bit, 96kHz, Stereo Audio DIGITAL-TO-ANALOG CONVERTER With HDCD Decoder
PCM1744 BURR-BROWN-PCM1744 Datasheet
83Kb / 9P
   24 Bits, 96kHz, Sampling Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1242 TI-ADS1242 Datasheet
410Kb / 25P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
   24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
[Old version datasheet]   24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
   24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com