Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1604 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # PCM1604
Description  24-Bit, 192kHz Sampling,6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

PCM1604 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button PCM1604 Datasheet HTML 4Page - Burr-Brown (TI) PCM1604 Datasheet HTML 5Page - Burr-Brown (TI) PCM1604 Datasheet HTML 6Page - Burr-Brown (TI) PCM1604 Datasheet HTML 7Page - Burr-Brown (TI) PCM1604 Datasheet HTML 8Page - Burr-Brown (TI) PCM1604 Datasheet HTML 9Page - Burr-Brown (TI) PCM1604 Datasheet HTML 10Page - Burr-Brown (TI) PCM1604 Datasheet HTML 11Page - Burr-Brown (TI) PCM1604 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
®
8
PCM1604, PCM1605
TYPICAL PERFORMANCE CURVES (Cont.)
All specifications at VDD = +3.3V, 128fS system clock, 64x oversampling, and 24-bit data. Only two channels (VOUT1 and VOUT2) are operated. All other channels
are set to all zero input data and DAC operation is disabled (bits DAC3 through DAC6 of Register 8 are set to 1).
TOTAL HARMONIC DISTORTION + NOISE
vs POWER SUPPLY (V
DD = 3.3V)
V
CC (V)
10
1
0.1
0.01
0.001
5
4.5
4
5.5
6
–60dB/192kHz-128f
S
0dB/192kHz-128f
S
DYNAMIC RANGE
vs POWER SUPPLY (V
DD = 3.3V)
V
CC (V)
110
108
106
104
102
100
98
96
5
4.5
4
5.5
6
192kHz-128f
S
CHANNEL SEPARATION
vs POWER SUPPLY (V
DD = 3.3V)
V
CC (V)
110
108
106
104
102
100
98
96
5
4.5
4
5.5
6
192kHz-128f
S
SIGNAL-TO-NOISE RATIO
vs POWER SUPPLY (V
DD = 3.3V)
V
CC (V)
110
108
106
104
102
100
98
96
5
4.5
4
5.5
6
192kHz-128f
S


Similar Part No. - PCM1604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1604 TI1-PCM1604 Datasheet
848Kb / 37P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1604PTR TI1-PCM1604PTR Datasheet
848Kb / 37P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1604 TI1-PCM1604_15 Datasheet
848Kb / 37P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - PCM1604

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1737 BURR-BROWN-PCM1737 Datasheet
180Kb / 27P
   24-Bit, 192kHz Sampling Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1739 BURR-BROWN-PCM1739 Datasheet
140Kb / 16P
   24-Bit, 192kHz Sampling, Enhanced Multi-Level, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1602 TI-PCM1602 Datasheet
453Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 6-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1600 BURR-BROWN-PCM1600 Datasheet
253Kb / 28P
   24-Bit, 96kHz Sampling, 6-Channel, Enhanced Multi-Level, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1608 TI-PCM1608 Datasheet
455Kb / 29P
[Old version datasheet]   24-Bit, 192kHz Sampling, 8-Channel, Enhanced Multilevel, Delta-Sigma DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1742 BURR-BROWN-PCM1742 Datasheet
322Kb / 20P
   24-Bit, 192kHz Sampling Enhanced Multilevel, Delta-Sigma, Audio DIGITAL-TO-ANALOG CONVERTER
PCM1754 BURR-BROWN-PCM1754 Datasheet
309Kb / 33P
   24-BIT, 192 kHz SAMPLING ENHANCED MULTI-LEVEL, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1754-Q1 TI1-PCM1754-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   24-BIT 192-kHz SAMPLING ENHANCED MULTI-LEVEL DELTA-SIGMA AUDIO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1606 BURR-BROWN-PCM1606 Datasheet
385Kb / 27P
   24-BIT, 192-kHz SAMPLING, 6-CHANNEL, ENHANCED MULTILEVEL, DELTA-SIGMA DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1606E TI1-PCM1606E Datasheet
405Kb / 28P
[Old version datasheet]   24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com