Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT301 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPT301
Description  INTEGRATED PHOTODIODE AND AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 1 page
background image
©1994 Burr-Brown Corporation
PDS-1228B
Printed in U.S.A. January, 1994
FPO
70%
FEATURES
q PHOTODIODE SIZE: 0.090 x 0.090 inch
(2.29 x 2.29mm)
q 1M
Ω FEEDBACK RESISTOR
q HIGH RESPONSIVITY: 0.47A/W (650nm)
q IMPROVED UV RESPONSE
q LOW DARK ERRORS: 2mV
q BANDWIDTH: 4kHz
q WIDE SUPPLY RANGE:
±2.25 to ±18V
q LOW QUIESCENT CURRENT: 400
µA
q HERMETIC TO-99
APPLICATIONS
q MEDICAL INSTRUMENTATION
q LABORATORY INSTRUMENTATION
q POSITION AND PROXIMITY SENSORS
q PHOTOGRAPHIC ANALYZERS
q SMOKE DETECTORS
DESCRIPTION
The OPT301 is an opto-electronic integrated circuit
containing a photodiode and transimpedance
amplifier on a single dielectrically isolated chip. The
transimpedance amplifier consists of a precision FET-
input op amp and an on-chip metal film resistor. The
0.09 x 0.09 inch photodiode is operated at zero bias for
excellent linearity and low dark current.
The integrated combination of photodiode and
transimpedance amplifier on a single chip eliminates
the problems commonly encountered in discrete de-
signs such as leakage current errors, noise pick-up and
gain peaking due to stray capacitance.
The OPT301 operates over a wide supply range (
±2.25
to
±18V) and supply current is only 400µA. It is
packaged in a hermetic TO-99 metal package with a
glass window, and is specified for the –40
°C to 85°C
temperature range.
INTEGRATED PHOTODIODE
AND AMPLIFIER
1M
OPT301
40pF
75
2
83
5
4
1
V
O
V–
λ
V+
®
OPT301
SPECTRAL RESPONSIVITY
Wavelength (nm)
100
200
300
400 500
600
700 800
900 1000 1100
0.5
0.4
0.3
0.2
0.1
0
0.5
0.4
0.3
0.2
0.1
0
Infrared
Ultraviolet
Using Internal
1M
Ω Resistor
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT201INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8034A250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
NTE1292Integrated Circuit IF Amplifier and Detector 1 2 3 NTE Electronics
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1045Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl