Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT301 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPT301
Description  INTEGRATED PHOTODIODE AND AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 6 page
background image
6
®
OPT301
TYPICAL PERFORMANCE CURVES
At T
A = +25°C, VS = ±15V, λ = 650nm, unless otherwise noted.
SMALL-SIGNAL DYNAMIC RESPONSE
LARGE-SIGNAL DYNAMIC RESPONSE
100
µs/div
100
µs/div
QUIESCENT CURRENT vs TEMPERATURE
Temperature (°C)
–75
0.6
0.5
0.4
0.3
0.2
0.1
0
–50
–25
0
25
50
75
100
125
V
S = ±15V
V
S = ±2.25V
Dice
OUTPUT NOISE VOLTAGE
vs MEASUREMENT BANDWIDTH
Measurement Bandwidth (Hz)
1
10
1k
10k
100k
100
1000
100
10
1
0.1
R F
=
10M
R F
=
1M
R
F = 100kΩ CEXT = 90pF
R F
= 100M
R
F = 10kΩ CEXT = 350pF
Dotted lines show
noise beyond the
signal bandwidth.
NOISE EFFECTIVE POWER
vs MEASUREMENT BANDWIDTH
Measurement Bandwidth (Hz)
1
10
1k
10k
100k
100
10–7
10–8
10–9
10–10
10–11
10–12
10–13
10–14
Dotted lines indicate
noise measured beyond
the signal bandwidth.
λ = 650nm
R
F = 100M
R
F = 10M
R
F = 1M
R
F = 100k
R
F = 10k




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT201INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8034A250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
NTE1292Integrated Circuit IF Amplifier and Detector 1 2 3 NTE Electronics
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1045Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl