Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT301 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPT301
Description  INTEGRATED PHOTODIODE AND AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 3 page
background image
6
3
®
OPT301
SPECIFICATIONS (CONT)
ELECTRICAL
Op Amp Section of OPT301(1)
At T
A
= +25
°C, V
S
=
±15V, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
OPT301 Op Amp
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage
±0.5
mV
vs Temperature
±5
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
10
µV/V
Input Bias Current
1pA
vs Temperature
doubles every 10
°C
NOISE
Input Voltage Noise
Voltage Noise Density, f=10Hz
30
nV/
√Hz
f=100Hz
25
nV/
√Hz
f=1kHz
15
nV/
√Hz
Current Noise Density, f=1kHz
0.8
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Input Range
±14.4
V
Common-Mode Rejection
106
dB
INPUT IMPEDANCE
Differential
1012||3
Ω||pF
Common-Mode
1012||3
Ω||pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
120
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
380
kHz
Slew Rate
0.5
V/
µs
Settling Time 0.1%
4
µs
0.01%
5
µs
OUTPUT
Voltage Output
RL = 10kΩ
(V+) – 1.25
(V+) – 0.65
V
RL = 5kΩ
(V+) – 2
(V+) – 1
V
Short-Circuit Current
±18
mA
POWER SUPPLY
Specified Operating Voltage
±15
V
Operating Voltage Range
±2.25
±18
V
Quiescent Current
IO = 0
±0.4
±0.5
mA
NOTE: (1) Op amp specifications provided for information and comparison only.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT201INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8034A250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
NTE1292Integrated Circuit IF Amplifier and Detector 1 2 3 NTE Electronics
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1045Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl