Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT210 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT210
Description  MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

   
 1 page
background image
1
®
OPT210
OPT210
®
FEATURES
q BOOTSTRAP ANODE DRIVE:
Extends Bandwidth: 900kHz (RF = 100KΩ)
Reduces Noise
q LARGE PHOTODIODE: 0.09" x 0.09"
q HIGH RESPONSIVITY: 0.45A/W (650nm)
q EXCELLENT SPECTRAL RESPONSE
q WIDE SUPPLY RANGE:
±2.25 to ±18V
q TRANSPARENT DIP, SIP AND SURFACE-
MOUNT PACKAGES
APPLICATIONS
q BARCODE SCANNERS
q MEDICAL INSTRUMENTATION
q LABORATORY INSTRUMENTATION
q POSITION AND PROXIMITY DETECTORS
q PARTICLE DETECTORS
DESCRIPTION
The OPT210 is a photodetector consisting of a high
performance silicon photodiode and precision FET-
input transimpedance amplifier integrated on a single
monolithic chip. Output is an analog voltage propor-
tional to light intensity.
The large 0.09" x 0.09" photodiode is operated at low
bias voltage for low dark current and excellent linear-
ity. A novel photodiode anode bootstrap circuit re-
duces the effects of photodiode capacitance to extend
bandwidth and reduces noise.
The integrated combination of photodiode and
transimpedance amplifier on a single chip eliminates
the problems commonly encountered with discrete
designs such as leakage current errors, noise pick-up
and gain peaking due to stray capacitance.
The OPT210 operates from
±2.25 to ±18V supplies
and quiescent current is only 2mA. Available in a
transparent 8-pin DIP, 8-lead surface-mount and 5-pin
SIP, it is specified for 0
° to 70°C operation.
MONOLITHIC PHOTODIODE AND AMPLIFIER
300kHz Bandwidth at RF = 1MΩ
OPT210
(2)
8
1
(3)
2
(1)
3
(4)
5
(5)
V
O
V–
V+
(SIP Pins)
λ
R
F
+1
DIP Pins
FPO
SPECTRAL RESPONSIVITY
Wavelength (nm)
100
200
300
400 500
600
700 800
900 1000 1100
0.5
0.4
0.3
0.2
0.1
0
0.5
0.4
0.3
0.2
0.1
0
Infrared
Ultraviolet
Using External
1M
Ω Resistor
PDS-1313B
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT211MONOLITHIC PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8034A250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1045Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl