Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT210 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT210
Description  MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

   
 6 page
background image
6
®
OPT210
LARGE-SIGNAL RESPONSE, R
F = 1MΩ
5µs/div
SMALL-SIGNAL RESPONSE, R
F = 1MΩ
Measurement BW = 1MHz
5
µs/div
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, λ = 650nm, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
Temperature (°C)
–75
3
2
1
0
–50
–25
0
25
50
75
100
125
V
S = ±15V
V
S = ±2.25V
I
Q
I
Q
+
I
Q
I
Q
+
NOISE EFFECTIVE POWER
vs MEASUREMENT BANDWIDTH
Frequency (Hz)
10
100
10k
100k
1M
1k
10–7
10–8
10–9
10–10
10–11
10–12
10–13
10–14
10M
R
F = 10kΩ
R
F = 100MΩ
R
F = 10MΩ
R
F = 1MΩ
R
F = 100kΩ
Dashed lines indicate
noise measured beyond
the signal bandwidth.
λ = 650nm
OUTPUT NOISE VOLTAGE
vs MEASUREMENT BANDWIDTH
Frequency (Hz)
10
100
10k
100k
1M
1k
10–2
10–3
10–4
10–5
10–6
10–7
10M
Dashed lines indicate
noise measured beyond
the signal bandwidth.
R
F = 100kΩ
R
F = 10kΩ
R
F = 1MΩ
R
F = 100MΩ
R
F = 10MΩ




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT211MONOLITHIC PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8034A250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1045Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl