Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT210 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT210
Description  MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

   
 4 page
background image
4
®
OPT210
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
MOISTURE SENSITIVITY
AND SOLDERING
Clear plastic does not contain the structural-enhancing fillers
used in black plastic molding compound. As a result, clear
plastic is more sensitive to environmental stress than black
plastic. This can cause difficulties if devices have been stored
in high humidity prior to soldering. The rapid heating during
soldering can stress wire bonds and cause failures. Prior to
soldering, it is recommended that plastic devices be baked-out
at 85
°C for 24 hours.
The fire-retardant fillers used in black plastic are not compat-
ible with clear molding compound. The OPT210 plastic
packages cannot meet flammability test, UL-94.
Top View
DIP
Top View
SIP
PIN CONFIGURATIONS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ...................................................................................
±18V
Input Voltage Range (Common Pin) ....................................................
±V
S
Output Short-Circuit (to ground) ............................................... Continuous
Operating Temperature: P, W ........................................... –25
°C to +85°C
Storage Temperature:
P, W ........................................... –25
°C to +85°C
Junction Temperature: P, W .......................................................... +85
°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
(Vapor-Phase Soldering Not Recommended on Plastic Packages)
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
OPT210P
8-Pin Plastic DIP
006-5
OPT210P-J
8-Lead Surface Mount(2)
006-6
OPT210W
5-Pin Plastic SIP
321-1
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book. (2) 8-pin DIP with leads
formed for surface mounting.
PACKAGE INFORMATION
V+
–In
V–
NC
Common
NC
NC
Output
1
2
3
4
8
7
6
5
(1)
NOTE: (1) Photodiode location.
Common
V+
–In
V–
Output
1
2
3
4
5
(1)
NOTE: (1) Photodiode location.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT211MONOLITHIC PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8034A250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1045Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl