Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT210 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT210
Description  MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

   
 3 page
background image
3
®
OPT210
OP AMP SPECIFICATIONS
Op amp specifications provided for comparative information only.
OP AMP
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage
±2mV
vs Temperature
±35
µV/°C
vs Power Supply
100
µV/V
Input Bias Current
Inverting Input
15
pA
vs Temperature
Doubles every 10
°C
Non-inverting Input
300
µA
NOISE
Voltage Noise
f = 10Hz
20
nV/
√Hz
f = 100Hz
9
nV/
√Hz
f = 1kHz
6
nV/
√Hz
Current Noise Density, Inverting Input
BW = 0.01Hz to 100kHz
0.8
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Input Range(1)
VS±2.25
V
Common-Mode Rejection
65
dB
INPUT IMPEDANCE
Inverting Input Impedance
3x1010||3
Ω || pF
Non-Inverting Input Impedance
250
k
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = 0V to +13.75V
70
dB
FREQUENCY RESPONSE
Bandwidth, Small Signal
35
MHz
Rise Time, Large Signal
10% to 90%
25
ns
Settling Time, 1%
10V step
240
ns
0.1%
390
ns
0.01%
800
ns
Overload Recovery
100% Overdrive
7
µs
OUTPUT
Voltage Output, Positive
RL = 10kΩ
(V+)–1.25
(V+)–0.75
V
Positive
RL = 5kΩ
(V+)–1
Negative(1)
RL = 10kΩ
–0.4
–0.5
V
Capacitive Load, Stable Operation
500
pF
Short-Circuit Current(2)
+50
mA
POWER SUPPLY
Operating Voltage
±2.25
±18
V
Quiescent Current
+1.7/–1.4
±4mA
NOTES: (1) Output typically swings to 0.5V below the voltage applied to the non-inverting input terminal, which is normally connected to ground. (2) Positive
current (sourcing) is limited. Negative current (sinking) is not limited.
BUFFER
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage(1)
–1.2
V
Input Bias Current
15
pA
vs Temperature
Doubles every 10
°C
Input Impedance
1011||3
Ω || pF
FREQUENCY RESPONSE
Bandwidth, Small Signal
500
MHz
OUTPUT
Current
±200
µA
Voltage Gain
0.99
V/V
POWER SUPPLY
Operating Range
±2.25
±18
V
Quiescent Current
±0.3
mA
NOTE: (1) Intentional voltage offset to reverse bias photodiode.
BUFFER SPECIFICATIONS
Buffer specifications provided for comparative information only.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT211MONOLITHIC PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8034A250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1045Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl