Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT210 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT210
Description  MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

   
 2 page
background image
2
®
OPT210
OPT210P
OPT210W
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RESPONSIVITY
Photodiode Current
λ = 650nm
0.45
A/W
Unit-to-Unit Variation
±5%
Voltage Output
λ = 650nm, External R
F = 1MΩ
0.45
V/
µW
Nonlinearity
0.01
% of FS
Photodiode Area
(0.09 x 0.09in)
0.008
in2
(2.29 x 2.29mm)
5.2
mm2
DARK ERROR, RTO
Offset Voltage
±2
±10
mV
vs Temperature
±35
µV/°C
vs Power Supply
VS = ±2.25V to ±18V
100
1000
µV/V
Voltage Noise
BW = 0.01Hz to 100kHz
160
µVrms
FREQUENCY RESPONSE
Bandwidth
External RF = 1MΩ
300
kHz
Rise Time
10% to 90%
1.2
µs
Settling Time, 1%
FS to Dark step
3
µs
0.1%
8
µs
0.01%
20
µs
Overload Recovery
100% Overdrive
7
µs
OUTPUT
Voltage Output, Positive
RL = 10kΩ
(V+)–1.25
(V+)–0.75
V
Positive
RL = 5kΩ
(V+)–1
Negative(1)
RL = 10kΩ
–0.4
–0.5
V
Capacitive Load, Stable Operation
500
pF
Short-Circuit Current(2)
+50
mA
POWER SUPPLY
Operating Range
±2.25
±18
V
Quiescent Current
+2.0/–1.7
±4mA
TEMPERATURE RANGE
Specification
070
°C
Operating
070
°C
Storage
–25
85
°C
θ
JA
100
°C/W
NOTES: (1) Output typically swings to 0.5V below the voltage applied to the non-inverting input terminal, which is normally connected to ground. (2) Positive
current (sourcing) is limited. Negative current (sinking) is not limited.
SPECIFICATIONS
At TA = +25°C, VS = ±15V, λ = 650nm, External RF = 1MΩ, RL = 10kΩ, unless otherwise noted.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
PHOTODIODE SPECIFICATIONS
PHOTODIODE
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Photodiode Area
(0.09 x 0.09in)
0.008
in2
(2.29 x 2.29mm)
5.2
mm2
Current Responsivity
λ = 650nm
0.45
A/W
865
µA/W/cm2
Dark Current
VD = –1.2V
70
pA
vs Temperature
Doubles every 10
°C
Capacitance
VD = –1.2V
550
pF
Effective Capacitance(1)
VD = –1.2V
10
pF
NOTES: (1) Effect of photodiode capacitance is reduced by internal buffer bootstrap drive. See text




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT101MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OPT211MONOLITHIC PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8034A250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1045Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl