Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT101 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPT101
Description  MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 1 page
background image
®
OPT101
1
SPECTRAL RESPONSIVITY
Wavelength (nm)
200
300
400
500
600
700
800
900
1000 1100
Using Internal
1M
Ω Resistor
Infrared
Ultraviolet
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
OPT101
FEATURES
q SINGLE SUPPLY: +2.7 to +36V
q PHOTODIODE SIZE: 0.090 x 0.090 inch
q INTERNAL 1M
Ω FEEDBACK RESISTOR
q HIGH RESPONSIVITY: 0.45A/W (650nm)
q BANDWIDTH: 14kHz at R
F = 1MΩ
q LOW QUIESCENT CURRENT: 120
µA
q AVAILABLE IN 8-PIN DIP, 5-PIN SIP, AND
8-LEAD SURFACE MOUNT PACKAGES
MONOLITHIC PHOTODIODE AND
SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
1M
OPT101
3pF
8pF
2
(2)
5
4
(5)
(4)
V+
λ
3
(3)
8
(1)
V
B
7.5mV
1
(Pin available
on DIP only.)
(SIP)
DIP
®
DESCRIPTION
The OPT101 is a monolithic photodiode with on-chip
transimpedance amplifier. Output voltage increases
linearly with light intensity. The amplifier is designed
for single or dual power supply operation, making it
ideal for battery operated equipment.
The integrated combination of photodiode and
transimpedance amplifier on a single chip eliminates
the problems commonly encountered in discrete de-
signs such as leakage current errors, noise pick-up and
gain peaking due to stray capacitance. The 0.09 x 0.09
inch photodiode is operated in the photoconductive
mode for excellent linearity and low dark current.
The OPT101 operates from +2.7V to +36V supplies
and quiescent current is only 120
µA. It is available in
clear plastic 8-pin DIP, 5-pin SIP and J-formed DIP for
surface mounting. Temperature range is 0
°C to 70°C.
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
APPLICATIONS
q MEDICAL INSTRUMENTATION
q LABORATORY INSTRUMENTATION
q POSITION AND PROXIMITY SENSORS
q PHOTOGRAPHIC ANALYZERS
q BARCODE SCANNERS
q SMOKE DETECTORS
q CURRENCY CHANGERS
©1994 Burr-Brown Corporation
PDS-1257D
Printed in U.S.A. March, 1998




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
OPT211MONOLITHIC PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1045Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
OPT201INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl