Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT101 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPT101
Description  MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 9 page
background image
®
OPT101
9
1M
OPT101
3pF
2
(2)
5
4
V
S
λ
3
8
V
B
8pF
1
R
EXT
C
EXT
1M
OPT101
3pF
2
(2)
5
4
(5)
(4)
V
S
λ
(3)
3
8 (1)
V
B
8pF
1
R
EXT
C
EXT
This capacitor eliminates gain peaking and prevents
instability. The value of C
EXT can be determined from the
table in Figure 4. Values of RF, other than shown in the table,
can be interpolated.
(a)-Series REXT (for SIP package).
(b)-External Feedback (for DIP package).
REXT
CEXT
DC Gain
Bandwidth
(M
Ω)
(pF)
(x106V/A)
(kHz)
150
2
8
225
3
6
5
10
6
2.5
10
5
11
1.3
50
51
0.33
REXT
CEXT
DC Gain
Bandwidth
(M
Ω)
(pF)
(x106V/A)
(kHz)
0.05(1)
56
0.05
58
0.1(1)
33
0.1
44
1—
1
23
2
2
9.4
5
5
3.6
10
10
1.8
50
50
0.34
Note: (1) May require 1k
Ω in series with pin 5 when driving
large capacitances.
FIGURE 4. Changing Responsivity with External Resistor.
FIGURE 3. Dark Error (Offset) Adjustment Circuit.
CHANGING RESPONSIVITY
An external resistor, REXT, can be connected to set a different
voltage responsivity. To increase the responsivity, this resistor
can be placed in series with the internal 1M
Ω (Figure 4a), or
with the DIP package, the external resistor can replace the
internal resistor by not connecting pin 4 (Figure 4b). The
second configuration also allows the circuit gain to be
reduced below 106V/A by using external resistors of less
than 1M
Ω.
Figure 4 includes tables showing the responsivity and
bandwidth. For values of RF less than 1MΩ, an external
capacitor, C
EXT should be connected in parallel with RF.
+15V
–15V
–15V
OPA177
1M
OPT101
3pF
2
(2)
5
4
(5)
(4)
V
S
λ
(3)
3
8 (1)
V
B
8pF
1
(Pin available
on DIP only.)
Common
–V
R
1
500k
1/2 REF200
100µA
V
O
Adjust R
1
for V
O = 0V
with no light.
DARK ERRORS
The dark errors in the specification table include all sources.
The dominant source of dark output voltage is the “pedestal”
voltage applied to the non-inverting input of the op amp.
This voltage is introduced to provide linear operation in the
absence of light falling on the photodiode. Photodiode dark
current is approximately 2.5pA and contributes virtually no
offset error at room temperature. The bias current of the op
amp's summing junction (– input) is approximately 165pA.
The dark current will be subtracted from the amplifier's bias
current, and this residual current will flow through the
feedback resistor creating an offset. The effects of temperature
on this difference current can be seen in the typical
performance curve “(IBIAS – IDARK) vs Temperature.” The
dark output voltage can be trimmed to zero with the optional
circuit shown in Figure 3. A low impedance offset driver (op
amp) should be used to drive pin 8 (DIP) because this node
has signal-dependent currents.
Pin Numbers:
DIP (SIP)
Pin Numbers:
DIP (SIP)




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
OPT211MONOLITHIC PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1045Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
OPT201INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl