Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT101 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPT101
Description  MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 5 page
background image
®
OPT101
5
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = +2.7V to +36V, λ = 650nm, internal 1MΩ feedback resistor, and RL = 10kΩ, unless otherwise noted.
VOLTAGE RESPONSIVITY vs RADIANT POWER
Radiant Power (µW)
0.01
0.1
10
100
1k
1
10
1
0.1
0.01
0.001
R F
=
1M
R F
=
100k
R F
=
10M
λ = 650nm
R F
=
50k
RESPONSE vs INCIDENT ANGLE
Incident Angle (°)
0
1.0
0.8
0.6
0.4
0.2
0
±20
±40
±60
±80
θ
Y
θ
X
1.0
0.8
0.6
0.4
0.2
0
θ
Y
θ
X
θ
Y
θ
X
SIP Package
Plastic
DIP Package
DARK V
OUT vs TEMPERATURE
Temperature (
°C)
0
10
20
30405060
70
8
7.8
7.6
7.4
7.2
7
VOLTAGE RESPONSIVITY vs IRRADIANCE
Irradiance (W/m2)
0.001
0.01
1
10
100
0.1
10
1
0.1
0.01
0.001
R F
=
1M
R F
=
100k
R F
=
10M
λ = 650nm
R F
=
50k
VOLTAGE RESPONSIVITY vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
10
1
0.1
0.01
0.001
R
F = 50kΩ, CEXT = 56pF
R
F = 10MΩ
R
F = 1MΩ
R
F = 100kΩ, CEXT = 33pF
NORMALIZED SPECTRAL RESPONSIVITY
Wavelength (nm)
200
300
400
500
600
700
800
900
1000 1100
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Ultraviolet
70°C
25°C
Infrared
650nm
(0.45A/W)




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
OPT211MONOLITHIC PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1045Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
OPT201INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl