Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT101 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPT101
Description  MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 3 page
background image
®
OPT101
3
OP AMP SPECIFICATIONS
At TA = +25°C, VS = +2.7V to +36V, λ = 650nm, internal 1MΩ feedback resistor, and RL = 10kΩ, unless otherwise noted.
OPT101 Op Amp(1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage
±0.5
mV
vs Temperature
±2.5
µV/°C
vs Power Supply
10
µV/V
Input Bias Current
(–) Input
165
pA
vs Temperature
(–) Input
1
pA/
°C
Input Impedance
Differential
400 || 5
M
Ω || pF
Common-Mode
250 || 35
G
Ω || pF
Common-Mode Input Voltage Range
Linear Operation
0 to [(VS) – 1]
V
Common-Mode Rejection
90
dB
OPEN-LOOP GAIN
Open-loop Voltage Gain
90
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product(2)
2
MHz
Slew Rate
1V/
µs
Settling Time 1%
5.8
µs
0.1%
7.7
µs
0.05%
8.0
µs
OUTPUT
Voltage Output, High
(VS) – 1.3
(VS) – 1.15
V
Short-Circuit Current
V
S = +36V
15
mA
POWER SUPPLY
Operating Voltage Range
+2.7
+36
V
Quiescent Current
Dark, V
PIN3 = 0V
120
240
µA
RL ∞, VOUT = 10V
220
µA
NOTES: (1) Op amp specifications provided for information and comparison only. (2) Stable gains
≥ 10V/V.




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT210MONOLITHIC PHOTODIODE AND AMPLIFIER 300kHz Bandwidth at RF = 1MW 1 2 3 4 5 MoreBurr-Brown (TI)
OPT211MONOLITHIC PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
OPT301INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
HA5340High Speed Low Distortion Precision Monolithic Sample and Hold Amplifier 1 2 3 4 5 MoreIntersil Corporation
CD1353CP2.4W AUDIO AMPLIFIER SIF AMPLIFIER AND DETECTOR FOR TV SILICON MONOLITHIC BIPOLAR INTEGRATED CIRCUIT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TZA1046Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
MRFIC18041.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreMotorola, Inc
TZA1045Photodiode and amplifier IC for CD and DVD applications 1 2 3 4 5 MoreNXP Semiconductors
OPT201INTEGRATED PHOTODIODE AND AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl