Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA688P Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA688P
Description  Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA688P Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA688P Datasheet HTML 2Page - Burr-Brown (TI) OPA688P Datasheet HTML 3Page - Burr-Brown (TI) OPA688P Datasheet HTML 4Page - Burr-Brown (TI) OPA688P Datasheet HTML 5Page - Burr-Brown (TI) OPA688P Datasheet HTML 6Page - Burr-Brown (TI) OPA688P Datasheet HTML 7Page - Burr-Brown (TI) OPA688P Datasheet HTML 8Page - Burr-Brown (TI) OPA688P Datasheet HTML 9Page - Burr-Brown (TI) OPA688P Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
®
OPA688
TYPICAL PERFORMANCE CURVES —VS = ±5V
G = +2, RL = 500Ω, RF = 402Ω, VH = –VL = 2V (Figure 1 for AC performance only), unless otherwise noted.
V
L—LIMITED PULSE RESPONSE
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
Time (20ns/div)
V
O
V
IN
G = +2
V
L = –2V
12
9
6
3
0
–3
–6
–9
–12
–15
–18
NON-INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V
O = 0.2Vp-p
G = +1, R
C = ∞, RF = 25Ω
G = +1, R
C = 175Ω, RF = 25Ω
G = +2, R
C = ∞
R
F
R
S
150
R
G
R
C
V
O
V
IN
G = +5, R
C = ∞
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (Hz)
1M
10M
100M
1G
V
O = 0.2Vp-p
G = –2
G = –5
G = –1
SMALL-SIGNAL PULSE RESPONSE
Time (5ns/div)
V
O = 0.2Vp-p
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
V
H—LIMITED PULSE RESPONSE
V
O
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
Time (20ns/div)
V
IN
G = +2
V
H = +2V
LARGE-SIGNAL PULSE RESPONSE
Time (5ns/div)
V
O = 4Vp-p
V
H = –VL = 2.5V
2.5
2.0
1.5
0.10
0.05
0
–0.5
–1.0
–1.5
–2.0
–2.5


Similar Part No. - OPA688P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA688P TI1-OPA688P Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
More results

Similar Description - OPA688P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698M TI-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688 TI1-OPA688 Datasheet
302Kb / 18P
[Old version datasheet]   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA688M TI1-OPA688M Datasheet
348Kb / 23P
[Old version datasheet]   UNITY-GAIN-STABLE WIDEBAND VOLTAGE LIMITING AMP LIFIER
OPA699M TI1-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
OPA689M TI1-OPA689M Datasheet
269Kb / 22P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE-LIMITING AMPLIFIER
OPA699M TI-OPA699M Datasheet
532Kb / 32P
[Old version datasheet]   GAIN 4 STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com