Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA687U Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA687U
Description  Wideband, Ultra-Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER With Power Down
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA687U Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA687U Datasheet HTML 1Page - Burr-Brown (TI) OPA687U Datasheet HTML 2Page - Burr-Brown (TI) OPA687U Datasheet HTML 3Page - Burr-Brown (TI) OPA687U Datasheet HTML 4Page - Burr-Brown (TI) OPA687U Datasheet HTML 5Page - Burr-Brown (TI) OPA687U Datasheet HTML 6Page - Burr-Brown (TI) OPA687U Datasheet HTML 7Page - Burr-Brown (TI) OPA687U Datasheet HTML 8Page - Burr-Brown (TI) OPA687U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
®
OPA687
TYPICAL PERFORMANCE CURVES: VS = ±5V
RF = 750Ω, RG = 39.2Ω, G = +20 and RL = 100Ω, unless otherwise noted.
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
NONINVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
1000
R
G = 39.2Ω
V
O = 0.2Vp-p
G = +30
G = +50
See Figure 1
G = +12
G = +20
6
3
0
–3
–6
–9
–12
–15
–18
–21
–24
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
1000
R
G = RS = 50Ω
V
O = 0.2Vp-p
G = –40
G = –50
See Figure 2
G = –20
G = –30
32
29
26
23
20
17
14
11
8
5
2
NONINVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
1000
R
G = 39.2Ω
G = +20V/V
V
O = 2Vp-p
V
O = 0.2Vp-p
V
O = 5Vp-p
See Figure 1
V
O = 1Vp-p
200
100
0
–100
–200
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
NONINVERTING PULSE RESPONSE
Time (5ns/div)
G = +20V/V
See Figure 1
Large Signal
±1V
Small Signal
±100mV
Right Scale
Left Scale
38
35
32
29
26
23
20
18
14
13
10
INVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
1000
R
G = RS = 50Ω
G = –40V/V
V
O = 2Vp-p
V
O = 0.2Vp-p
See Figure 2
V
O = 1Vp-p
V
O = 5Vp-p
200
100
0
–100
–200
1.2
0.8
0.4
0
–0.4
–0.8
–1.2
INVERTING PULSE RESPONSE
Time (5ns/div)
G = –40V/V
See Figure 2
Large Signal
±1V
Small Signal
±100mV
Right Scale
Left Scale


Similar Part No. - OPA687U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA687U/2K5 TI1-OPA687U/2K5 Datasheet
301Kb / 17P
[Old version datasheet]   Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA687U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
OPA2846 TI-OPA2846 Datasheet
360Kb / 24P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA2846 TI1-OPA2846_14 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2686 BURR-BROWN-OPA2686 Datasheet
171Kb / 18P
   Dual, Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com