Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA678AU Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA678AU
Description  Wideband Switched-Input OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA678AU Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA678AU Datasheet HTML 1Page - Burr-Brown (TI) OPA678AU Datasheet HTML 2Page - Burr-Brown (TI) OPA678AU Datasheet HTML 3Page - Burr-Brown (TI) OPA678AU Datasheet HTML 4Page - Burr-Brown (TI) OPA678AU Datasheet HTML 5Page - Burr-Brown (TI) OPA678AU Datasheet HTML 6Page - Burr-Brown (TI) OPA678AU Datasheet HTML 7Page - Burr-Brown (TI) OPA678AU Datasheet HTML 8Page - Burr-Brown (TI) OPA678AU Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
®
OPA678
1
+
A
A/B Channel
Select Input
(TTL or ECL)
B
Input A
Input B
Output
Compensation
Enable
A
Enable
B
+
Wideband Switched-Input
OPERATIONAL AMPLIFIER
OPA678
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
®
FEATURES
q FAST SETTLING: 11ns (1%)
q WIDE BANDWIDTH: 200MHz
q TWO LOGIC SELECTABLE INPUTS
q LOW OFFSET VOLTAGE:
±380µV
q FAST INPUT SWITCHING: 4ns
q ACCEPTS TTL/ECL SWITCHING SIGNALS
q UNITY GAIN STABLE
q 16-PIN DIP AND SO-16 PACKAGES
APPLICATIONS
q VIDEO AMPLIFICATION AND SWITCHING
q FAST 2-INPUT MULTIPLEXER
q PULSE/RF AMPLIFIERS
q PROGRAMMABLE-GAIN AMPLIFIER
q ACTIVE FILTERS
q SYNCHRONOUS DEMODULATOR
q LOW COST REPLACEMENT FOR OPA675/676
DESCRIPTION
The OPA678 is a wideband monolithic operational
amplifier with two
independent differential inputs.
Either input can be selected by an external TTL or
ECL logic signal. The amplifier is externally compen-
sated and features a very fast input selection speed, 4ns
for either ECL or TTL. This amplifier features fully
symmetrical differential inputs due to its “classical”
operational amplifier circuit architecture. Unlike “cur-
rent-feedback” amplifier designs, the OPA678 may be
used in all op amp applications requiring high speed
and precision.
Low distortion and crosstalk make this amplifier suit-
able for RF and video applications.
The OPA678 is available in plastic DIP and SO-16
packages.
OPA678
OPA678
©1992 Burr-Brown Corporation
PDS-1136E
Printed in U.S.A. March, 1998


Similar Part No. - OPA678AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA671 BURR-BROWN-OPA671 Datasheet
165Kb / 7P
   Wide Bandwidth, Fast Settling Difet OPERATIONAL AMPLIFIER
OPA671AP BURR-BROWN-OPA671AP Datasheet
165Kb / 7P
   Wide Bandwidth, Fast Settling Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA678AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4601 TI1-THS4601_14 Datasheet
614Kb / 32P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
THS4601 TI-THS4601 Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
THS4304 TI-THS4304 Datasheet
869Kb / 26P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wideband Operational Amplifier
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA659 TI-OPA659 Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com