Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA678AP Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA678AP
Description  Wideband Switched-Input OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA678AP Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA678AP Datasheet HTML 1Page - Burr-Brown (TI) OPA678AP Datasheet HTML 2Page - Burr-Brown (TI) OPA678AP Datasheet HTML 3Page - Burr-Brown (TI) OPA678AP Datasheet HTML 4Page - Burr-Brown (TI) OPA678AP Datasheet HTML 5Page - Burr-Brown (TI) OPA678AP Datasheet HTML 6Page - Burr-Brown (TI) OPA678AP Datasheet HTML 7Page - Burr-Brown (TI) OPA678AP Datasheet HTML 8Page - Burr-Brown (TI) OPA678AP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
®
OPA678
5
0.5
0.4
0.3
0.2
0.1
0
15
Closed-Loop Gain
23
4
DIFFERENTIAL PHASE vs CLOSED-LOOP GAIN
(f = 4.5MHz)
NOTE: For the gain of +2V/V, C
C = 2.2pF; for the gain of +5V/V, CC = 0.
V
O = 0V to 2.1V
V
O = 0V to 1.4V
V
O = 0V to 0.7V
1
2
100
Noise Gain (V/V)
10
4
6
8
204080
10
8
6
4
2
0
NOMINAL FREQUENCY COMPENSATION vs NOISE GAIN
60
TYPICAL PERFORMANCE CURVES
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
1MHz
16Hz
Frequency (Hz)
10MHz
100MHz
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
Gain
φ
BW = 200MHz
= 57°
C
C = 8.5pF
φ
A
V = +1V/V CLOSED-LOOP
SMALL SIGNAL BANDWIDTH
8
7
6
5
4
3
2
1
0
–1
–2
1MHz
16Hz
Frequency (Hz)
10MHz
100MHz
60
40
20
0
–20
–40
–60
–80
–100
–120
–140
BW = 103MHz
= 103°
C
C = 3pF
φ
A
V = +2V/V CLOSED-LOOP
SMALL SIGNAL BANDWIDTH
Gain
φ
15
14
13
12
11
10
9
8
7
6
5
1MHz
16Hz
Frequency (Hz)
10MHz
100MHz
60
40
20
0
–20
–40
–60
–80
–100
–120
–140
BW = 69MHz
= 119°
C
C = 1pF
φ
A
V = +5V/V CLOSED-LOOP
SMALL SIGNAL BANDWIDTH
Gain
φ
0.5
0.4
0.3
0.2
0.1
0
15
Closed-Loop Gain
23
4
DIFFERENTIAL GAIN vs CLOSED-LOOP GAIN
(f = 4.5MHz)
NOTE: For the gain of +2V/V, C
C = 2.2pF; for the gain of +5V/V, CC = 0.
V
O = 0V to 2.1V
V
O = 0V to 1.4V
V
O = 0V to 0.7V


Similar Part No. - OPA678AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA671 BURR-BROWN-OPA671 Datasheet
165Kb / 7P
   Wide Bandwidth, Fast Settling Difet OPERATIONAL AMPLIFIER
OPA671AP BURR-BROWN-OPA671AP Datasheet
165Kb / 7P
   Wide Bandwidth, Fast Settling Difet OPERATIONAL AMPLIFIER
More results

Similar Description - OPA678AP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4601 TI1-THS4601_14 Datasheet
614Kb / 32P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
THS4601 TI-THS4601 Datasheet
381Kb / 27P
[Old version datasheet]   WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
THS4304 TI-THS4304 Datasheet
869Kb / 26P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wideband Operational Amplifier
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA659 TI-OPA659 Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com