Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA671AP Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA671AP
Description  Wide Bandwidth, Fast Settling Difet OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA671AP Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA671AP Datasheet HTML 1Page - Burr-Brown (TI) OPA671AP Datasheet HTML 2Page - Burr-Brown (TI) OPA671AP Datasheet HTML 3Page - Burr-Brown (TI) OPA671AP Datasheet HTML 4Page - Burr-Brown (TI) OPA671AP Datasheet HTML 5Page - Burr-Brown (TI) OPA671AP Datasheet HTML 6Page - Burr-Brown (TI) OPA671AP Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
®
OPA671
PIN CONFIGURATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
An integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet published
specifications.
Top View
DIP
NC
V+
V
O
V
OS Trim
V
OS Trim
–In
+In
V–
NC = No Internal Connection
1
2
3
4
8
7
6
5
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage ........................................................................
±18V
Input Voltage ............................................................. (V+) +1V to (V–) –1V
Operating Temperature ................................................... –40
°C to +100°C
Storage Temperature ...................................................... –40
°C to +125°C
Output Short-Circuit to Ground ............................................................ 15s
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
OPA671AP
8-Pin Plastic DIP
006
–25
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION


Similar Part No. - OPA671AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA678 BURR-BROWN-OPA678 Datasheet
279Kb / 14P
   Wideband Switched-Input OPERATIONAL AMPLIFIER
OPA678AP BURR-BROWN-OPA678AP Datasheet
279Kb / 14P
   Wideband Switched-Input OPERATIONAL AMPLIFIER
OPA678AU BURR-BROWN-OPA678AU Datasheet
279Kb / 14P
   Wideband Switched-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA671AP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
Burr-Brown (TI)
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
   Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610_15 Datasheet
567Kb / 8P
   WIDE BANDWIDTH FAST SETTLING
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
   400MHz, Fast Settling Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
   400MHz, Fast Settling Operational Amplifier
September 1998
HA-5195 INTERSIL-HA-5195_04 Datasheet
318Kb / 9P
   150MHz, Fast Settling Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
   Fast Settling, Wideband Operational Amplifier
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
   Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com