Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA651NB Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA651NB
Description  Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA651NB Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button OPA651NB Datasheet HTML 3Page - Burr-Brown (TI) OPA651NB Datasheet HTML 4Page - Burr-Brown (TI) OPA651NB Datasheet HTML 5Page - Burr-Brown (TI) OPA651NB Datasheet HTML 6Page - Burr-Brown (TI) OPA651NB Datasheet HTML 7Page - Burr-Brown (TI) OPA651NB Datasheet HTML 8Page - Burr-Brown (TI) OPA651NB Datasheet HTML 9Page - Burr-Brown (TI) OPA651NB Datasheet HTML 10Page - Burr-Brown (TI) OPA651NB Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
OPA651
®
DISTORTION
The OPA651’s harmonic distortion characteristics into a
100
Ω load are shown versus frequency and power output in
the typical performance curves. Distortion can be signifi-
cantly improved by increasing the load resistance as illus-
trated in Figure 5. Remember to include the contribution of
the feedback network when calculating the effective load
resistance seen by the amplifier.
10
100
1k
–50
–55
–60
–65
–70
–75
–80
3fo
2fo
G = +2
Load Resistance (
Ω)
FIGURE 5. 5MHz Harmonic Distortion vs Load Resistance.
NOISE FIGURE
The OPA651 voltage noise spectral density is specified in
the Typical Performance Curves. For RF applications, how-
ever, Noise Figure (NF) is often the preferred noise specifi-
cation since it allows system noise performance to be more
easily calculated. The OPA651’s Noise Figure vs Source
Resistance is shown in Figure 6.
NOISE FIGURE vs SOURCE RESISTANCE
Source Resistance (
Ω)
30
25
20
15
10
5
0
10
100
1k
100k
10k
NF = 10 LOG 1 +
e
n
2 + (I
nRS)
2
4KTR
S
FIGURE 6. Noise Figure vs Source Resistance.
SPICE MODELS AND EVALUATION BOARD
Computer simulation of circuit performance using SPICE is
often useful when analyzing the performance of analog
circuits and systems. This is particularly true for Video and
RF amplifier circuits where parasitic capacitance and induc-
tance can have a major effect on circuit performance. SPICE
models are available on a disk from the Burr-Brown Appli-
cations Department.
Demonstration boards are available for each OPA651 pack-
age style. These boards implement a very low parasitic
layout that will produce the excellent frequency and pulse
responses shown in the Typical Performance Curves. For
each package style, the recommended demonstration board
is:
Contact your local Burr-Brown sales office or distributor to
order demonstration boards.
BOARD
LITERATURE
PART
REQUEST
PRODUCT
PACKAGE
NUMBER
NUMBER
OPA651P
8-Pin DIP
DEM-OPA65xP
OPA651U
8-Pin SO-8
DEM-OPA65xU
OPA651N
6-Pin SOT23-6
DEM-OPA6xxN
MKT-348
OPA651
V
OUT
402
402
Video
Input
75
75
75
Ω Transmission Line
75
TYPICAL APPLICATION
FIGURE 7. Low Distortion Video Amplifier.


Similar Part No. - OPA651NB

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
OPA6515PPS KODENSHI-OPA6515PPS Datasheet
526Kb / 1P
   Red Pin-Point LED Chip
More results

Similar Description - OPA651NB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA4650 BURR-BROWN-OPA4650 Datasheet
235Kb / 13P
   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA641 BURR-BROWN-OPA641 Datasheet
106Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com