Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA642U Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA642U
Description  Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA642U Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA642U Datasheet HTML 1Page - Burr-Brown (TI) OPA642U Datasheet HTML 2Page - Burr-Brown (TI) OPA642U Datasheet HTML 3Page - Burr-Brown (TI) OPA642U Datasheet HTML 4Page - Burr-Brown (TI) OPA642U Datasheet HTML 5Page - Burr-Brown (TI) OPA642U Datasheet HTML 6Page - Burr-Brown (TI) OPA642U Datasheet HTML 7Page - Burr-Brown (TI) OPA642U Datasheet HTML 8Page - Burr-Brown (TI) OPA642U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
®
OPA642
OPA642P, U, N
OPA642PB, UB, NB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
SPECIFICATIONS
ELECTRICAL
At TA = +25°C, VS = ±5V, RL = 100Ω, RF = 402Ω, unless otherwise noted. RF = 25Ω for a gain of +1.
OFFSET VOLTAGE
Input Offset Voltage
±1.5
±4
±0.5
±1.0
mV
Average Drift
42
µV/°C
Power Supply Rejection (PSR)
VS = ±4.5 to ±5.5V
65
85
73
95
dB
INPUT BIAS CURRENT
Input Bias Current
VCM = 0V
25
45
TT
µA
Over Specified Temperature
70
TT
µA
Input Offset Current
VCM = 0V
0.1
2.0
TT
µA
Over Specified Temperature
3.0
TT
µA
NOISE
Input Voltage Noise
Noise Density: f
≥ 1MHz
2.7
T
nV/
√Hz
Integrated Voltage Noise, BW = 100Hz to 100MHz
27
T
µVrms
Input Bias Current Noise Density
f
≥ 1MHz
2.8
T
pA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Input Range
±2.75
±3.0
TT
V
Over Temperature
±2.5
T
V
Common-Mode Rejection (CMR)
VCM = ±0.5V
65
90
80
T
dB
INPUT IMPEDANCE
Differential
11 || 1
T
k
Ω || pF
Common-Mode
650 || 1
T
k
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain (AOL)VO = ±2V, RL = 100Ω
80
95
85
98
dB
Over Specified Temperature
80
T
dB
FREQUENCY RESPONSE
Closed-Loop Response
Gain = +1V/V
400
T
MHz
Gain = +2V/V
150
T
MHz
Gain = +5V/V
45
T
MHz
Gain = +10V/V
21
T
MHz
Gain Bandwidth Product (GBP)
210
T
MHz
Slew Rate(1)
G = +1, 2V Step
380
T
V/
µs
At Minimum Specified Temperature
G = +1, 2V Step
340
T
V/
µs
Settling Time: 0.01%
G = +1, 1V Step
13
T
ns
0.1%
G = +1, 1V Step
11.5
T
ns
1%
G = +1, 1V Step
3.5
T
ns
Spurious Free Dynamic Range (SFDR)
G = +1, f = 5MHz
92
95
dBc
VO = 2Vp-p, RL = 100Ω
Diff. Gain Error at 3.58MHz, G = +2V/V
VO = 0V to 1.4V, RL = 150Ω
0.007
T
%
Diff. Phase Error at 3.58MHz, G = +2V/V
VO = 0V to 1.4V, RL = 150Ω
0.008
T
degrees
OUTPUT
Voltage Output
No Load
±3.5
T
V
Over Specified Temperature
±3.0
T
V
Voltage Output
RL = 100Ω±2.75
T
V
Over Specified Temperature
±2.5
TT
V
Current Output, +25
°C
±40
±60
±50
±65
mA
Over Specified Temperature
±35
±40
mA
Closed-Loop Output Resistance
0.1MHz, G = +1V/V
0.01
T
POWER SUPPLY
Specified Operating Voltage
±5
T
V
Operating Voltage Range
TMIN to TMAX
±4.5
±5.5
TT
V
Quiescent Current
±20
±25
±16
TT
mA
Over Specified Temperature
±26
T
mA
TEMPERATURE RANGE
Specification: P, U, N, PB, UB, NB
Ambient
–40
+85
TT
°C
Thermal Resistance
θ
JA, Junction-to-Ambient
°C/W
P, PB
8-Pin DIP
100
T
°C/W
U, UB
8-Pin SO-8
125
T
°C/W
N, NB
5-Pin SOT23-5
150
T
°C/W
T Indicates same specification as for OPA642P, U, N.
NOTE: (1) Slew rate is rate of change from 10% to 90% of output voltage step.


Similar Part No. - OPA642U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA642U TI1-OPA642U Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA642U/2K5 TI1-OPA642U/2K5 Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA642UB TI1-OPA642UB Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
OPA642UB/2K5 TI1-OPA642UB/2K5 Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
More results

Similar Description - OPA642U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA642 TI1-OPA642 Datasheet
176Kb / 16P
[Old version datasheet]   Wideband, Low Distortion, Low Gain OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA643 BURR-BROWN-OPA643 Datasheet
262Kb / 17P
   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA643 TI1-OPA643 Datasheet
177Kb / 18P
[Old version datasheet]   Wideband Low Distortion, High Gain OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA628 BURR-BROWN-OPA628 Datasheet
172Kb / 13P
   Low Distortion Wideband OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA843 TI1-OPA843 Datasheet
861Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Medium Gain Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA843 BURR-BROWN-OPA843 Datasheet
377Kb / 22P
   Wideband, Low Distortion, Medium Gain, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Intersil Corporation
ISL55211 INTERSIL-ISL55211 Datasheet
1Mb / 20P
   Wideband, Low Noise, Low Distortion, Fixed Gain, Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com