Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC0144A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0144A
Description  SAW Resonator 868.35 MHz SMD 5X5 mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TC0144A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TC0144A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TC0144A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TC0144A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TC0144A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TC0144A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
Resonator 868.35MHz Frequency Charactristics (S21)
-25
-20
-15
-10
-5
0
866.85
867.35
867.85
868.35
868.85
869.35
869.85
Frequency (Center Frequency 868.35MHz Span 3MHz)
G. TEST CIRCUIT:
50Ω
Network analyzer
50Ω
SAW Resonator
2
6
1、3、4、5、7、8
H. PACKING:
1.REEL DIMENSION
To 50Ω
Network
Analyzer
From 50Ω
Network
Analyzer


Similar Part No. - TC0144A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TC0144A GOLLEDGE-TC0144A Datasheet
77Kb / 3P
   SAW Resonator 868.350MHz
More results

Similar Description - TC0144A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0138A TAI-SAW-TC0138A Datasheet
352Kb / 5P
   SAW Resonator 868.35 MHz SMD 5X5 mm
TC0196A TAI-SAW-TC0196A Datasheet
349Kb / 4P
   SAW Resonator 868.35 MHz SMD 5X5 mm
TC0250A TAI-SAW-TC0250A Datasheet
329Kb / 5P
   SAW Resonator 435.72 MHz SMD 5X5 mm
TC0117A TAI-SAW-TC0117A Datasheet
343Kb / 4P
   SAW Resonator 418 MHz SMD 5X5 mm
TC0154A TAI-SAW-TC0154A Datasheet
338Kb / 4P
   SAW Resonator 916.5 MHz SMD 5X5 mm
TC0504A TAI-SAW-TC0504A Datasheet
436Kb / 6P
   SAW Resonator 446 MHz SMD 5X5 mm
TC0234A TAI-SAW-TC0234A Datasheet
327Kb / 4P
   SAW Resonator 915 MHz SMD 5X5 mm
TC0239A TAI-SAW-TC0239A Datasheet
326Kb / 4P
   SAW Resonator 392.85 MHz SMD 5X5 mm
TC0193A TAI-SAW-TC0193A Datasheet
355Kb / 4P
   SAW Resonator 868.300 MHz SMD 5X5 mm
TC0206A TAI-SAW-TC0206A Datasheet
356Kb / 4P
   SAW Resonator 433.42 MHz SMD 5X5 mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com