Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA621KU Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA621KU
Description  Wideband Precision OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA621KU Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA621KU Datasheet HTML 1Page - Burr-Brown (TI) OPA621KU Datasheet HTML 2Page - Burr-Brown (TI) OPA621KU Datasheet HTML 3Page - Burr-Brown (TI) OPA621KU Datasheet HTML 4Page - Burr-Brown (TI) OPA621KU Datasheet HTML 5Page - Burr-Brown (TI) OPA621KU Datasheet HTML 6Page - Burr-Brown (TI) OPA621KU Datasheet HTML 7Page - Burr-Brown (TI) OPA621KU Datasheet HTML 8Page - Burr-Brown (TI) OPA621KU Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
®
OPA621
3
SPECIFICATIONS (CONT)
ELECTRICAL (FULL TEMPERATURE RANGE SPECIFICATIONS)
At VCC = ±5VDC, RL = 100Ω, and TA = TMIN to TMAX, unless otherwise noted.
OPA621KP, KU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TEMPERATURE RANGE
Specification: KP, KU
Ambient Temperature
–40
+85
°C
OFFSET VOLTAGE(1)
Average Drift
Full Temperature Range
±12
µV/°C
Supply Rejection
±V
CC = 4.5V to 5.5V
45
60
dB
BIAS CURRENT
Input Bias Current
Full Temperature, VCM = 0VDC
18
40
µA
OFFSET CURRENT
Input Offset Current
Full Temperature, VCM = 0VDC
0.2
5
µA
INPUT VOLTAGE RANGE
Common-Mode Input Range
±2.5
±3.0
V
Common-Mode Rejection
VIN = ±2.5VDC, VO = 0VDC
60
75
dB
OPEN LOOP GAIN, DC
Open-Loop Voltage Gain
RL = 100Ω
46
60
dB
RL = 50Ω
44
58
dB
RATED OUTPUT
Voltage Output
RL = 100Ω±3.0
±3.5
V
RL = 50Ω±2.5
±3.0
V
POWER SUPPLY
Current, Quiescent
IO = 0mA
26
30
mA
NOTES: (1) Offset Voltage specifications are also guaranteed with units fully warmed up. (2) Parameter is guaranteed by characterization. (3) dBc = dB referred
to carrier-input signal.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Similar Part No. - OPA621KU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA621KU/2K5 TI1-OPA621KU/2K5 Datasheet
139Kb / 17P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA621KU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA620 BURR-BROWN-OPA620 Datasheet
309Kb / 15P
   Wideband Precision OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-5221883 INTERSIL-HA-5221883 Datasheet
306Kb / 10P
   Low Noise, Wideband, Precision Operational Amplifier
HA-5222 INTERSIL-HA-5222 Datasheet
65Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
January 1996
HA-2548883 INTERSIL-HA-2548883 Datasheet
58Kb / 7P
   Precision, High Slew Rate, Wideband Operational Amplifier
HA-5222 INTERSIL-HA-5222_01 Datasheet
459Kb / 8P
   Dual, Low Noise, Wideband, Precision Operational Amplifier
logo
Texas Instruments
THS4304 TI-THS4304 Datasheet
869Kb / 26P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband Operational Amplifier
THS4304 TI1-THS4304_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wideband Operational Amplifier
logo
List of Unclassifed Man...
TDB2022 ETC1-TDB2022 Datasheet
349Kb / 8P
   WIDEBAND SINGLE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com