Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GEP-2672 Datasheet(PDF) 1 Page - Level One

Part No. GEP-2672
Description  24 PoE-Plus Gigabit Ethernet ports with 4 shared SFP slots 2 Gigabit SFP slots 10/100/1000Mbps wire speed transmission and reception
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo 

GEP-2672 Datasheet(HTML) 1 Page - Level One

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GEP-2672 Version: 1
20 GE PoE-Plus + 4 GE PoE-Plus Combo SFP + 2
GE SFP L2 Managed Switch, 370W
The LevelOne GEP-2672 is a Layer 2 Managed switch with 24 x 1000Base-T PoE-Plus ports associated
with 4 x Gigabit SFP (Small Form Factor Pluggable) slots + 2 individule Gigabit SFP Slots. This switch is
IEEE 802.3af/at compliant to provide power and data over a single Ethernet cable to the PoE device, with
total power budget of 370W, up to 30W per port.
Despite its affordable pricing, the GEP-2672 is equipped with advanced features such as Single IP
Management which allows users to manage up to 32 switches under the same web interface, Easy
Configuration Port (ECP), IPv6, IEEE 802.1D/w/s Spanning Tree, IEEE 802.1X Access Control of up to 256
entries for easy network security, auto port aggregation, IEEE 802.1p QoS with 8 priority queues, IEEE
802.3az Green Ethernet and more.
An ideal network solution for workgroups and edge deployments, or anyone looking for an affordable and
efficient way to expand their network.
Key Features
- 24 PoE-Plus Gigabit Ethernet ports with 4 shared SFP slots + 2 Gigabit SFP slots
- 10/100/1000Mbps wire speed transmission and reception
- IEEE 802.3af/at PoE compliant to simplify deployment and installation
- Easy Configuration Port (ECP) for easy deployment of network devices such as IP phone or network
camera
www.level1.com
Page 1 of 6


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn