Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GEP-2672 Datasheet(PDF) 5 Page - Level One

Part No. GEP-2672
Description  24 PoE-Plus Gigabit Ethernet ports with 4 shared SFP slots 2 Gigabit SFP slots 10/100/1000Mbps wire speed transmission and reception
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo LVL1 - Level One

GEP-2672 Datasheet(HTML) 5 Page - Level One

  GEP-2672 Datasheet HTML 1Page - Level One GEP-2672 Datasheet HTML 2Page - Level One GEP-2672 Datasheet HTML 3Page - Level One GEP-2672 Datasheet HTML 4Page - Level One GEP-2672 Datasheet HTML 5Page - Level One GEP-2672 Datasheet HTML 6Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Humidity (Non-condensing):
Storage: 10% ~ 90%
Operating: 10 ~ 90%
Physical Specifications
Dimensions (W x D x H mm):
442 x 300 x 44 mm
Weight (g):
3028g with box, 2274g without box
Others
Approval and Compliance:
FCC Part 15 Class A, CE
Deployment:
19-inch rack-mountable
Diagram
Order Information
GEP-2672
Package Contents
Power Cord
19" Rackmount Kit
Rubber Feet
Quick Installation Guide
Resource CD (User Manual)
No liability or responsibility for any errors or omissions in the content.
Specifications are subject to change without notice.
www.level1.com
Page 5 of 6


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn