Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GEP-2672 Datasheet(PDF) 3 Page - Level One

Part No. GEP-2672
Description  24 PoE-Plus Gigabit Ethernet ports with 4 shared SFP slots 2 Gigabit SFP slots 10/100/1000Mbps wire speed transmission and reception
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo 

GEP-2672 Datasheet(HTML) 3 Page - Level One

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Reset Button
Indicator:
Power; Link/Active; PoE
Transmission Method:
Store-and-Forward
Power:
Power Consumption: < 250W
Power Input: 100-240V AC, 50-60 Hz, Internal Power Supply
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3ab 1000BASE-T, Gigabit Ethernet
IEEE 802.3z 1000BASE-X,Gigabit Ethernet
IEEE 802.1p Quality of Service (QoS)
IEEE 802.1X Port-based Network Access Control (PNAC)
IEEE 802.1Q Virtual LANs (VLANs)
IEEE 802.1D MAC Bridges
IEEE 802.1d Standard Spanning Tree Protocol
IEEE 802.1s Multiple Spanning Tree (MSTP)
IEEE 802.1w Rapid Spanning Tree Protocol (RSTP)
IEEE 802.3x Flow Control
IEEE 802.3ad Link Aggregation Control Protocol (LACP)
IEEE 802.3af Power over Ethernet (PoE)
IEEE 802.3at Power over Ethernet Plus (PoE+)
IEEE 802.3az Energy-Efficient Ethernet
Link Layer Discovery Protocol (LLDP)
Universal Plug and Play (UPnP)
Features
General:
Quality of Service (QoS):
8 hardware Priority Queues per port
Traffic classification based on IEEE 802.1p CoS
IPv4/IPv6 precedence/ type of service (ToS) / DSCP based
Rate Limiting - Ingress policer egress shaping and rate control
Spanning Tree:
Bridge Protocol Data Units (BPDU)
IEEE 802.1D MAC Bridges
IEEE 802.1d Spanning Tree Protocol (STP)
IEEE 802.1w Rapid Spanning Tree Protocol (RSTP)
IEEE 802.1s Multiple Spanning Tree Protocol (MSTP)
Virtual Local Area Network (VLAN):
802.1Q tag-based VLAN - up to 256 VLANs and 4096 VLAN IDs
Port-based VLAN
MAC-based VLAN
DHCP: DHCP Client; DHCP Relay (Layer 2)
IPv6:
IPv6 host mode; IPv6 stateless address auto-configuration; Duplicate Address Detection (DAD)
ICMP v6; IPv6 Neighbor Discovery (MLD)
IGMP:
IGMP v1/v2/v3 snooping; IGMP Queried; IGMP Proxy
IPv6 QoS Prioritize IPv6 packets in hardware
Port Mirroring:
Many-to-One TX/RX
Port Trunking:
www.level1.com
Page 3 of 6


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn