Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GEP-2672 Datasheet(PDF) 2 Page - Level One

Part No. GEP-2672
Description  24 PoE-Plus Gigabit Ethernet ports with 4 shared SFP slots 2 Gigabit SFP slots 10/100/1000Mbps wire speed transmission and reception
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo 

GEP-2672 Datasheet(HTML) 2 Page - Level One

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
- Single IP management supports up to 32 switches
(GEL-1072/GTL-2880/GTP-2880/GTL-5280/GEP-2671/GEP-2672)
- IP Multicast Filtering through IGMP Snooping V1 / V2 / V3
- IEEE 802.1p QoS with 8 priority queues
- Supports Access Control List (ACL) authentication of up to 256 entries and port-level security with
IEEE802.1X
- Supports IPv4/IPv6 network operation
- IEEE 802.1d/w/s Spanning Tree Protocol (MSTP) and port mirroring
- IEEE 802.1Q VLAN allows network segmentation to enhance performance and security
- Supports Dual Firmware Image which protects against failed firmware upgrade
- Total PoE power budget: 370W, up to 30W per port
- Minimize carbon footprint with advanced energy efficient technology (IEEE 802.3az)
- Dual power support: 24VAC/PoE (IEEE 802.3af/at)
- IEEE 802.3ad LACP for auto port aggregation
Highlight
IP Clustered Stacking Solution
With the design and implementation of SIP (Single IP Management), network administrators are allowed to
virtually stack up to 32 switches (GEL-1072/GTL-2880/GTP-2880/GTL-5280/GEP-2671/GEP-2672)
together and manage them as one logical unit through a single IP address regardless of geographical
locations of those switches. Comparing to traditional stacking, IP clustering eliminates the use of costly
cables and connectors. Furthermore, it minimizes the impact of any single point of failure.
LevelOne Easy Configuration Port (ECP) Technology
Each switch port can now be fully optimized through a predefined role and settings which are based on the
type of a device such as an IP camera or a VoIP phone to be connected to. For instance, even if a
surveillance system integrator who lacks of IT administration skills, can still easily enables the role and
applies settings like VLAN, QoS, port security and spanning tree to all connected IP cameras on a single
Web UI within a few minutes. Hence, simplifying network deployment and ensuring consistent
configurations across the network.
Related Product
FCS-5061
5-Megapixel Day/Night PoE-Plus Outdoor Network Camera - IR LEDs
WAP-6013
300Mbps Wireless Access Point
Specifications
System Specifications
Buffer Memory (KB):
512KB
Connectors and Cabling:
- 24x RJ-45 10/100/1000BASE-T PoE-Plus ports
- 6 x 100/1000Base-X SFP Slots (4 shared)
Button:
www.level1.com
Page 2 of 6


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn