Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GEP-2671 Datasheet(PDF) 1 Page - Level One

Part No. GEP-2671
Description  24 PoE-Plus Gigabit Ethernet ports with 4 shared SFP slots 2 Gigabit SFP slots 10/100/1000Mbps wire speed transmission and reception
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo LVL1 - Level One

GEP-2671 Datasheet(HTML) 1 Page - Level One

  GEP-2671 Datasheet HTML 1Page - Level One GEP-2671 Datasheet HTML 2Page - Level One GEP-2671 Datasheet HTML 3Page - Level One GEP-2671 Datasheet HTML 4Page - Level One GEP-2671 Datasheet HTML 5Page - Level One GEP-2671 Datasheet HTML 6Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GEP-2671 Version: 1
20 GE PoE-Plus + 4 GE PoE-Plus Combo SFP + 2
GE SFP L2 Managed Switch, 185W
The LevelOne GEP-2671 is a Layer 2 Managed switch with 24 x 1000Base-T PoE-Plus ports associated
with 4 x Gigabit SFP (Small Form Factor Pluggable) slots + 2 individual Gigabit SFP Slots. This switch is
IEEE 802.3af/at compliant to provide power and data over a single Ethernet cable to the PoE device, with
total power budget of 185W, up to 30W per port.
Despite its affordable pricing, the GEP-2671 is equipped with advanced features such as Single IP
Management which allows users to manage up to 32 switches under the same web interface, Easy
Configuration Port (ECP), IGMP v1/v2/v3, IPv6, IEEE 802.1D/w/s Spanning Tree, IEEE 802.1X Access
Control of up to 256 entries for easy network security, auto port aggregation, IEEE 802.1p QoS with 8
priority queues, IEEE 802.3az Green Ethernet and more.
An ideal network solution for workgroups and edge deployments, or anyone looking for an affordable and
efficient way to expand their network.
Key Features
- 24 PoE-Plus Gigabit Ethernet ports with 4 shared SFP slots + 2 Gigabit SFP slots
- 10/100/1000Mbps wire speed transmission and reception
- IEEE 802.3af/at PoE compliant to simplify deployment and installation
- Easy Configuration Port (ECP) for easy deployment of network devices such as IP phone or network
camera
www.level1.com
Page 1 of 6


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn