Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GEP-2671 Datasheet(PDF) 4 Page - Level One

Part No. GEP-2671
Description  24 PoE-Plus Gigabit Ethernet ports with 4 shared SFP slots 2 Gigabit SFP slots 10/100/1000Mbps wire speed transmission and reception
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LVL1 [Level One]
Homepage  http://www.level1.com/
Logo LVL1 - Level One

GEP-2671 Datasheet(HTML) 4 Page - Level One

  GEP-2671 Datasheet HTML 1Page - Level One GEP-2671 Datasheet HTML 2Page - Level One GEP-2671 Datasheet HTML 3Page - Level One GEP-2671 Datasheet HTML 4Page - Level One GEP-2671 Datasheet HTML 5Page - Level One GEP-2671 Datasheet HTML 6Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PoE:
Power Budget: Max. 185W
Power Output: Up to 30W per port
Protection: Circuit protection to prevent power interference between ports
Management: PoE status, PoE on/off scheduling, PoE power delay, PoE live checking, Per port power
priority setting, PD classification identity
Pin Assignment: 1/2(+), 3/6(-)
Security:
Storm Control:
Prevents traffic on a LAN from being disrupted by a broadcast, multicast, or unicast storm on a port
Authentication:
IEEE 802.1X Radius/Tacacs+ authentication
PVE:
L2 isolation between clients in the same VLAN
Access Control List (ACL):
Support for up to 256 entries
Dynamic VLAN assignment
Filtering:
Port-/MAC-/IP-based security
Management:
Diagnosis:
Event / Error Log / Syslog
Port:
Easy Configuration Port (ECP) - configure client’s QoS and security capabilities
Single IP Management (SIM): Single IP management for a virtual stack function to switches
(GTL-2880/GTL-5280/GTP-2880/GTL-1072/GEP-2672)
Network:
HTTPS/SSL; SSH v1/v2; sFlow; RMON (groups 1, 2, 3 and 9) Management ; SNMP v1, v2c, v3 User-
based Security Model (USM); CLI via console port or Telnet; management VLAN; Private VLAN Edge
(PVE)
Performance
Backplane (Gbps):
52Gbps
MAC Address Table:
8K
Data Transfer Rate:
10/100/1000Mbps
Packet Forwarding Rate:
1000Mbps port - 1,488,000pps
100Mbps port - 148,000pps
10Mbps port - 14,880pps
Jumbo Frame (K):
9KB
Environment
Power Saving:
IEEE 802.3az Energy Efficient Ethernet:
- Automatically turns power off on RJ-45 port when detecting link down or Idle of client
- Cable length detection: Adjusts the signal strength based on the cable length
- Reduces the power consumption for cables shorter
Temperature (°C):
Operating: 0°C ~ 40°C
www.level1.com
Page 4 of 6


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn