Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEP-1611 Datasheet(PDF) 1 Page - Level One

Part # FEP-1611
Description  IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FEP-1611 Datasheet(HTML) 1 Page - Level One

  FEP-1611 Datasheet HTML 1Page - Level One FEP-1611 Datasheet HTML 2Page - Level One FEP-1611 Datasheet HTML 3Page - Level One FEP-1611 Datasheet HTML 4Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEP-1611 Version: 2
16-Port Fast Ethernet PoE-Plus Switch, 240W
The LevelOne FEP-1611 provides 16 x 10/100Mbps ports with IEEE 802.3at PoE plus supported. This
switch is IEEE 802.3at/af compliant, and provides power and data over a single Ethernet cable to any PoE
device, with total power budget of 240W, up to 30W per port. Ideal for desktops and it is also 19-inch rack-
mountable, which provides convenient and flexible installation. The FEP-1611 is designed for small-to-
median businesses that prefer an affordable solution for PoE deploying infrastructure.
Key Features
- IEEE 802.3af/at PoE compliant to simplify deployment and installation
- Auto-detection and protection of non-standard PoE devices
- Supports 4K MAC address auto-learning and auto-aging
- 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
- 19-inch metal housing
- IEEE 802.3x Flow Control protects against lost packets for reliable data transmission
- Total PoE power budget: 240W, up to 30W per port
- Internal power supply
Specifications
System Specifications
Buffer Memory (KB):
160KB
Connectors and Cabling:
16 x 10/100Base-TX RJ-45 PoE Ports
10Base T Cat. 3, 4, 5 UTP/STP
100Base TX Cat. 5 UTP/STP
Button:
Power On / Off Switch
Indicator:
Power, Active, 10/100M, PoE
www.level1.com
Page 1 of 4


Similar Part No. - FEP-1611

ManufacturerPart #DatasheetDescription
logo
Level One
FEP-1611 LVL1-FEP-1611_16 Datasheet
357Kb / 3P
   16-Port Fast Ethernet PoE Switch, 240W, 802.3at PoEplus
More results

Similar Description - FEP-1611

ManufacturerPart #DatasheetDescription
logo
Level One
FEP-0811 LVL1-FEP-0811 Datasheet
338Kb / 4P
   IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
FEP-0812 LVL1-FEP-0812 Datasheet
403Kb / 4P
   IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
FCS-1132 LVL1-FCS-1132 Datasheet
386Kb / 5P
   3-Megapixel (2032x1536) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FSW-0503 LVL1-FSW-0503 Datasheet
707Kb / 5P
   Provides flexibility of 4 x 10/100BASE-TX PoE ports IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-5052 LVL1-FCS-5052 Datasheet
442Kb / 6P
   3-Megapixel (2032x1536) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
GEP-0521 LVL1-GEP-0521 Datasheet
517Kb / 5P
   IEEE 802.3af/at PoE compliant to simplify deployment and installation 10/100/1000Mbps wire speed transmission and reception
FCS-0031 LVL1-FCS-0031 Datasheet
368Kb / 6P
   Megapixel (1280 x 800) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
POR-0101 LVL1-POR-0101 Datasheet
495Kb / 3P
   High Power Midspan PoE compliant to simplify deployment and installation
FCS-1122 LVL1-FCS-1122 Datasheet
368Kb / 5P
   Megapixel (1280 x 800) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-3061 LVL1-FCS-3061 Datasheet
457Kb / 6P
   Megapixel (1280 x 720) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com