Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCS-5062 Datasheet(PDF) 2 Page - Level One

Part # FCS-5062
Description  5-Megapixel (2592 x 1944) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LVL1 [Level One]
Direct Link  http://www.level1.com/
Logo LVL1 - Level One

FCS-5062 Datasheet(HTML) 2 Page - Level One

  FCS-5062 Datasheet HTML 1Page - Level One FCS-5062 Datasheet HTML 2Page - Level One FCS-5062 Datasheet HTML 3Page - Level One FCS-5062 Datasheet HTML 4Page - Level One FCS-5062 Datasheet HTML 5Page - Level One FCS-5062 Datasheet HTML 6Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Key Features
- 5-Megapixel (2592 x 1944) high-definition resolution
- IEEE 802.3af PoE compliant to simplify deployment and installation
- Built-in infrared LEDs for night viewing up to 20m
- Removable IR-cut filter for day and night surveillance
- Weatherproof IP66-rated housing
- Compression: H.264/MPEG-4/MJPEG
- Supports 3 video streams simultaneously
- Digital input/output (1DI/1DO) for sensor and alarm
- BNC connector for analog video output
- Provides privacy masks for private area protection
- Supports motion detection and event notification via e-mail or FTP
- Easy Internet monitoring via configuration free Level1DNS™ service
- Dual power support: 12VDC/PoE (IEEE 802.3af)
- Free 64-channel monitoring software included (supports iCamSecure App)
Highlight
Free bundled 64-channel Management Software
We aim to offer you the most versatile and comprehensive surveillance solutions. Our free IP CamSecure
software coming allows you to monitor up to 64 IP cameras simultaneously on one screen to enhance
scalability. For added convenience and flexibility, the software includes various advanced features such as
scheduling recording, event alert, and heaps more. In addition, simply install our free iCamSecure App to
your smartphone and connect to the PC with IP CamSecure software installed, you will easily turn your
iPhone/Android smartphone into a portable surveillance system for real-time monitoring and snapshot.
Works Well With
WAP-6003
150Mbps Wireless Access Point
Specifications
System Specifications
Image Sensor:
5-Megapixel 1/2.5" Progressive Scan CMOS
Connectors and Cabling:
1 x RJ-45 10BASE-T/100BASE-TX
1 x 3.5mm line out
1 x 3.5mm mic/line in
1 x DC Power Jack
1 x RS485
1 x I/O terminal block (DI/DO)
1 x BNC analog video output
I/O terminal block (1 DI/1 DO)
Button:
Reset Button
Lens:
Board lens, fixed-focal, f=3.6 mm, F1.8
IR Cut Filter:
www.level1.com
Page 2 of 6


Similar Part No. - FCS-5062

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-5061 LVL1-FCS-5061 Datasheet
349Kb / 6P
   5-Megapixel (2592 x 1944) high-definition resolution Weatherproof IP66-rated with wide operating temperature (-40째C to 50째C) for harsh environments
FCS-5063 LVL1-FCS-5063 Datasheet
675Kb / 4P
   Fixed Network Camera
FCS-5064 LVL1-FCS-5064 Datasheet
718Kb / 4P
   Fixed Network Camera
FCS-5065 LVL1-FCS-5065 Datasheet
646Kb / 4P
   Zoom Network Camera, 5-Megapixel
More results

Similar Description - FCS-5062

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-0031 LVL1-FCS-0031 Datasheet
368Kb / 6P
   Megapixel (1280 x 800) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-1132 LVL1-FCS-1132 Datasheet
386Kb / 5P
   3-Megapixel (2032x1536) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-1122 LVL1-FCS-1122 Datasheet
368Kb / 5P
   Megapixel (1280 x 800) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-3061 LVL1-FCS-3061 Datasheet
457Kb / 6P
   Megapixel (1280 x 720) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-5052 LVL1-FCS-5052 Datasheet
442Kb / 6P
   3-Megapixel (2032x1536) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FCS-3062 LVL1-FCS-3062 Datasheet
472Kb / 6P
   2-Megapixel (1920 x 1080) high-definition resolution IEEE 802.3af PoE compliant to simplify deployment and installation
FSW-0503 LVL1-FSW-0503 Datasheet
707Kb / 5P
   Provides flexibility of 4 x 10/100BASE-TX PoE ports IEEE 802.3af PoE compliant to simplify deployment and installation
POR-0101 LVL1-POR-0101 Datasheet
495Kb / 3P
   High Power Midspan PoE compliant to simplify deployment and installation
FEP-0811 LVL1-FEP-0811 Datasheet
338Kb / 4P
   IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
POR-0103 LVL1-POR-0103 Datasheet
473Kb / 3P
   High Power Midspan PoE compliant to simplify deployment and installation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com