Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA228P Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA228P
Description  High Precision, Low Noise OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA228P Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA228P Datasheet HTML 1Page - Burr-Brown (TI) OPA228P Datasheet HTML 2Page - Burr-Brown (TI) OPA228P Datasheet HTML 3Page - Burr-Brown (TI) OPA228P Datasheet HTML 4Page - Burr-Brown (TI) OPA228P Datasheet HTML 5Page - Burr-Brown (TI) OPA228P Datasheet HTML 6Page - Burr-Brown (TI) OPA228P Datasheet HTML 7Page - Burr-Brown (TI) OPA228P Datasheet HTML 8Page - Burr-Brown (TI) OPA228P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
OPA227, 2227, 4227
OPA228, 2228, 4228
5
SBOS110A
www.ti.com
TYPICAL PERFORMANCE CURVES
At TA = +25°C, RL = 10kΩ, and VS = ±15V, unless otherwise noted.
0.01 0.10
1
10
100
1k
10k 100k
1M 10M 100M
180
160
140
120
100
80
60
40
20
0
–20
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
Frequency (Hz)
OPEN-LOOP GAIN/PHASE vs FREQUENCY
G
φ
OPA228
20
100
1k
10k
20k
0.01
0.001
0.0001
0.00001
Frequency (Hz)
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
G = 1, R
L = 10kΩ
V
OUT = 3.5Vrms
OPA227
20
100
1k
10k
50k
0.01
0.001
0.0001
0.00001
Frequency (Hz)
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
G = 1, R
L = 10kΩ
V
OUT = 3.5Vrms
OPA228
0.01 0.10
1
10
100
1k
10k 100k
1M 10M 100M
180
160
140
120
100
80
60
40
20
0
–20
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
Frequency (Hz)
OPEN-LOOP GAIN/PHASE vs FREQUENCY
G
OPA227
φ
1
0.1
10
100
1k
10k
100k
1M
140
120
100
80
60
40
-20
–0
Frequency (Hz)
POWER SUPPLY AND COMMON-MODE
REJECTION RATIO vs FREQUENCY
+CMRR
+PSRR
–PSRR
0.1
10
1
100
1k
10k
100k
10k
1k
100
10
1
Frequency (Hz)
INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Current Noise
Voltage Noise


Similar Part No. - OPA228P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA228P TI1-OPA228P Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
OPA228PA TI1-OPA228PA Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
OPA228PAG4 TI1-OPA228PAG4 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
OPA228PG4 TI1-OPA228PG4 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
More results

Similar Description - OPA228P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA227 TI-OPA227_07 Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA227 TI1-OPA227 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com