Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA549 Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA549
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA549 Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA549 Datasheet HTML 5Page - Burr-Brown (TI) OPA549 Datasheet HTML 6Page - Burr-Brown (TI) OPA549 Datasheet HTML 7Page - Burr-Brown (TI) OPA549 Datasheet HTML 8Page - Burr-Brown (TI) OPA549 Datasheet HTML 9Page - Burr-Brown (TI) OPA549 Datasheet HTML 10Page - Burr-Brown (TI) OPA549 Datasheet HTML 11Page - Burr-Brown (TI) OPA549 Datasheet HTML 12Page - Burr-Brown (TI) OPA549 Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
®
9
OPA549
FIGURE 2. Adjustable Current Limit.
ENABLE/STATUS (E/S) PIN
The Enable/Status Pin provides two unique functions:
1) output disable by forcing the pin low and 2) thermal
shutdown indication by monitoring the voltage level at the
pin. Either or both of these functions can be utilized in an
application. For normal operation (output enabled), the E/S
pin can be left open or driven high (at least 2.4V above Ref).
A small value capacitor connected between the E/S pin and
CREF may be required for noisy applications.
Output Disable
To disable the output, the E/S pin is pulled to a logic low
(no greater than 0.8V above Ref). Typically the output is
shut down in 1
µs. To return the output to an enabled state,
the E/S pin should be disconnected (open) or pulled to at
least 2.4V above Ref. It should be noted that driving the E/
S pin high (output enabled) does not defeat internal ther-
mal shutdown; however, it does prevent the user from
monitoring the thermal shutdown status. See Figure 3 for
an example implementing this function.
This function not only conserves power during idle periods
(quiescent current drops to approximately 6mA) but also
allows multiplexing in multi-channel applications. Figure 12
shows two OPA549s in a switched amplifier configuration.
The on/off state of the two amplifiers is controlled by the
voltage on the E/S pin. Under these conditions, the disabled
device will behave like a 750pF load. Slewing faster than
3V/
µs will cause leakage current to rapidly increase in
devices that are disabled, and will contribute additional load.
At high temperature (125
°C), the slewing threshold drops to
approximately 2V/
µs. Input signals must be limited to avoid
excessive slewing in multiplexed applications.
FIGURE 3. Output Disable.
OPA549
E/S
CMOS or TTL
Ref
Logic
Ground
7500
R
CL
0.01
µF
(optional, for noisy
environments)
8
6
8
6
4.75V
R
CL =
– 7500
OPA549 CURRENT LIMIT: 0A to 10A
NOTES: (1) Resistors are nearest standard 1% values. (2) Offset in the current limit circuitry
may introduce approximately
±0.25A variation at low current limit values.
DESIRED
CURRENT LIMIT
0A(2)
2.5A
3A
4A
5A
6A
7A
8A
9A
10A
RESISTOR(1)
(R
CL)
I
LIM Open
22.6k
17.4k
11.3k
7.5k
4.99k
3.24k
1.87k
845
I
LIM Connected to Ref
CURRENT
(I
SET)
0
µA
158
µA
190
µA
253
µA
316
µA
380
µA
443
µA
506
µA
570
µA
633
µA
VOLTAGE
(V
SET)
(Ref) + 4.75V
(Ref) + 3.56V
(Ref) + 3.33V
(Ref) + 2.85V
(Ref) + 2.38V
(Ref) + 1.90V
(Ref) + 1.43V
(Ref) + 0.95V
(Ref) + 0.48V
(Ref)
(a) RESISTOR METHOD
15800 (4.75V)
I
LIM
=
– 7.5k
75k
I
LIM
7500
I
SET = ILIM/15800
V
SET = (Ref) + 4.75V – (7500Ω) (ILIM)/15800
(b) DAC METHOD (Current or Voltage)
D/A
I
SET
4.75V
Ref
Ref
±I
LIM =
Max I
O = ILIM
(4.75) (15800)
7500
Ω + R
CL
Max I
O = ILIM
±I
LIM =15800 ISET


Similar Part No. - OPA549

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA549 TI-OPA549 Datasheet
1Mb / 36P
[Old version datasheet]   High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
OPA549-HIREL TI1-OPA549-HIREL Datasheet
503Kb / 23P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT OPERATIONAL AMPLIFIER
OPA549MKVC TI1-OPA549MKVC Datasheet
503Kb / 23P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT OPERATIONAL AMPLIFIER
OPA549S TI-OPA549S Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549SG3 TI-OPA549SG3 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA549

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com