Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA547F Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA547F
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA547F Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA547F Datasheet HTML 1Page - Burr-Brown (TI) OPA547F Datasheet HTML 2Page - Burr-Brown (TI) OPA547F Datasheet HTML 3Page - Burr-Brown (TI) OPA547F Datasheet HTML 4Page - Burr-Brown (TI) OPA547F Datasheet HTML 5Page - Burr-Brown (TI) OPA547F Datasheet HTML 6Page - Burr-Brown (TI) OPA547F Datasheet HTML 7Page - Burr-Brown (TI) OPA547F Datasheet HTML 8Page - Burr-Brown (TI) OPA547F Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
®
4
OPA547
TYPICAL PERFORMANCE CURVES
At TCASE = +25°C, VS = ±30V and E/S pin open, unless otherwise noted.
1
10
100
1k
10k
100k
1M
10M
120
100
80
60
40
20
0
–20
0
–45
–90
–135
–180
Frequency (Hz)
OPEN-LOOP GAIN AND PHASE
vs FREQUENCY
R
L = 50Ω
G
φ
1
10
100
1k
10k
100k
1M
400
300
200
100
0
Frequency (Hz)
VOLTAGE NOISE DENSITY vs FREQUENCY
–75
–50
–25
0
25
50
75
100
125
150
–160
–140
–120
–100
–80
–60
–40
–20
0
Temperature (°C)
INPUT BIAS CURRENT vs TEMPERATURE
I
B
V
S = ±5V
V
S = ±30V
–75
–50
–25
0
25
50
75
100
125
150
±600
±500
±400
±300
±200
±100
Temperature (°C)
CURRENT LIMIT vs TEMPERATURE
R
CL = 31.6kΩ
R
CL = 63.4kΩ
R
CL = 15.9kΩ
0
±5
±10
±15
±20
±25
±30
±600
±550
±500
±450
+400
±350
±300
±250
±200
Supply Voltage (V)
CURRENT LIMIT vs SUPPLY VOLTAGE
R
CL = 15.9kΩ
R
CL = 31.6kΩ
R
CL = 63.4kΩ
+I
LIM
–I
LIM
–75
–50
–25
0
25
50
75
100
125
150
±12
±10
±8
±6
±4
±2
Temperature (°C)
QUIESCENT CURRENT vs TEMPERATURE
I
Q
I
Q Shutdown
V
S = ±30V
V
S = ±5V
V
S = ±30V
V
S = ±5V


Similar Part No. - OPA547F

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA547F BURR-BROWN-OPA547F Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547F BURR-BROWN-OPA547F Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547F/500 BURR-BROWN-OPA547F/500 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547F/500 BURR-BROWN-OPA547F/500 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA547F/500G3 BURR-BROWN-OPA547F/500G3 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA547F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com