Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA548 Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA548
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA548 Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA548 Datasheet HTML 1Page - Burr-Brown (TI) OPA548 Datasheet HTML 2Page - Burr-Brown (TI) OPA548 Datasheet HTML 3Page - Burr-Brown (TI) OPA548 Datasheet HTML 4Page - Burr-Brown (TI) OPA548 Datasheet HTML 5Page - Burr-Brown (TI) OPA548 Datasheet HTML 6Page - Burr-Brown (TI) OPA548 Datasheet HTML 7Page - Burr-Brown (TI) OPA548 Datasheet HTML 8Page - Burr-Brown (TI) OPA548 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
®
2
OPA548
SPECIFICATIONS
At TCASE = +25°C, VS = ±30V and E/S pin open, unless otherwise noted.
OPA548T, F
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
OFFSET VOLTAGE
Input Offset Voltage
VCM = 0, IO = 0
±2
±10
mV
vs Temperature
TA = –40°C to +85°C
±30
µV/°C
vs Power Supply
VS = ±4V to ±30V
30
100
µV/V
INPUT BIAS CURRENT(1)
Input Bias Current(2)
VCM = 0V
–100
–500
nA
vs Temperature
TA = –40°C to +85°C
±0.5
nA/
°C
Input Offset Current
VCM = 0V
±5
±50
nA
NOISE
Input Voltage Noise Density, f = 1kHz
90
nV/
√Hz
Current Noise Density, f = 1kHz
200
fA/
√Hz
INPUT VOLTAGE RANGE
Common-Mode Voltage Range: Positive
Linear Operation
(V+) –3
(V+) –2.3
V
Negative
Linear Operation
(V–) –0.1
(V–) –0.2
V
Common-Mode Rejection
VCM = (V–) –0.1V to (V+) –3V
80
95
dB
INPUT IMPEDANCE
Differential
107 || 6
Ω || pF
Common-Mode
109 || 4
Ω || pF
OPEN-LOOP GAIN
Open-Loop Voltage Gain
VO = ±25V, RL = 1kΩ
90
98
dB
VO = ±25V, RL = 8Ω
90
dB
FREQUENCY RESPONSE
Gain-Bandwidth Product
RL = 8Ω
1
MHz
Slew Rate
G = 1, 50Vp-p, RL = 8Ω
10
V/
µs
Full Power Bandwidth
See Typical Curve
kHz
Settling Time:
±0.1%
G = –10, 50V Step
15
µs
Total Harmonic Distortion + Noise, f = 1kHz
RL = 8Ω, G = +3, Power = 10W
0.02(3)
%
OUTPUT
Voltage Output, Positive
IO = 3A
(V+) –4.1
(V+) –3.7
V
Negative
IO = –3A
(V–) +3.7
(V–) +3.3
V
Positive
IO = 0.6A
(V+) –2.4
(V+) –2.1
V
Negative
IO = –0.6A
(V–) +1.3
(V–) +1.0
V
Maximum Continuous Current Output: dc
±3A
ac
3
Arms
Leakage Current, Output Disabled, dc
See Typical Curve
Output Current Limit
Current Limit Range
0 to
±5A
Current Limit Equation
ILIM = (15000)(4.75)/(13750Ω + RCL)A
Current Limit Tolerance(1)
RCL = 14.8kΩ (ILIM = ±2.5A),
±100
±250
mA
RL = 8Ω
Capacitive Load Drive
See Typical Curve(4)
OUTPUT ENABLE /STATUS (E/S) PIN
Shutdown Input Mode
VE/S High (output enabled)
E/S Pin Open or Forced High
(V–) +2.4
V
VE/S Low (output disabled)
E/S Pin Forced Low
(V–) +0.8
V
IE/S High (output enabled)
E/S Pin High
–65
µA
IE/S Low (output disabled)
E/S Pin Low
–70
µA
Output Disable Time
1
µs
Output Enable Time
3
µs
Thermal Shutdown Status Output
Normal Operation
Sourcing 20
µA
(V–) +2.4
(V–) +3.5
V
Thermally Shutdown
Sinking 5
µA, T
J > 160°C
(V–) +0.35
(V–) +0.8
V
Junction Temperature, Shutdown
+160
°C
Reset from Shutdown
+140
°C
POWER SUPPLY
Specified Voltage
±30
V
Operating Voltage Range
±4
±30
V
Quiescent Current
ILIM Connected to V–, IO = 0
±17
±20
mA
Quiescent Current, Shutdown Mode
ILIM Connected to V–, IO = 0
±6mA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
–40
+125
°C
Storage Range
–55
+125
°C
Thermal Resistance,
θ
JC
7-Lead DDPAK, 7-Lead TO-220
f > 50Hz
2
°C/W
7-Lead DDPAK, 7-Lead TO-220
dc
2.5
°C/W
Thermal Resistance,
θ
JA
7-Lead DDPAK, 7-Lead TO-220
No Heat Sink
65
°C/W
NOTES: (1) High-speed test at TJ = +25°C. (2) Positive conventional current flows into the input terminals. (3) See “Total Harmonic Distortion+Noise vs Frequency” in
the Typical Performance Curves section for additional power levels. (4) See “Small-Signal Overshoot vs Load Capacitance” in the Typical Performance Curves section.


Similar Part No. - OPA548

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548 TI-OPA548 Datasheet
1Mb / 36P
[Old version datasheet]   High-Voltage (100V), High-Current (50mA) OPERATIONAL AMPLIFIERS, G = 1 Stable
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
OPA548F TI-OPA548F Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA548F TI1-OPA548F Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
OPA548F/500 TI-OPA548F/500 Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA548

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com