Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA544T Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA544T
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA544T Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA544T Datasheet HTML 1Page - Burr-Brown (TI) OPA544T Datasheet HTML 2Page - Burr-Brown (TI) OPA544T Datasheet HTML 3Page - Burr-Brown (TI) OPA544T Datasheet HTML 4Page - Burr-Brown (TI) OPA544T Datasheet HTML 5Page - Burr-Brown (TI) OPA544T Datasheet HTML 6Page - Burr-Brown (TI) OPA544T Datasheet HTML 7Page - Burr-Brown (TI) OPA544T Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
®
5
OPA544
01
2
3
Output Current (A)
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
5
4
3
2
1
0
|(V–) –V
O|
(V+) – V
O
35
30
25
20
15
10
5
0
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
20k
100k
200k
Clipping
Slew Rate
Limited
1
10
100
1k
10k
100k
1M
Frequency (Hz)
POWER SUPPLY REJECTION vs FREQUENCY
120
100
80
60
40
20
V+ Supply
V– Supply
TYPICAL PERFORMANCE CURVES (CONT)
At T
CASE = +25°C, VS = ±35V, unless otherwise noted.
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
OUTPUT VOLTAGE SWING vs TEMPERATURE
6
5
4
3
2
1
0
I
O = –2A
I
O = +0.5A
I
O = +2A
I
O = –0.5A
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
10
1
0.1
0.01
0.001
20
100
1k
10k 20k
Frequency (Hz)
R
L = 15Ω
100mW
2W
30W
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
GAIN-BANDWIDTH PRODUCT AND SLEW RATE
vs TEMPERATURE
2.5
2.0
1.5
1.0
0.5
9
8
7
6
SR–
SR+
GBW


Similar Part No. - OPA544T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA544T TI-OPA544T Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA544T TI1-OPA544T Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
OPA544T-1 TI-OPA544T-1 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA544T-1 TI1-OPA544T-1 Datasheet
180Kb / 11P
[Old version datasheet]   High-Voltage, High-Current High-Voltage, High-Current
OPA544TG3 TI-OPA544TG3 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results

Similar Description - OPA544T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Anaren Microwave
MSK181 ANAREN-MSK181 Datasheet
260Kb / 8P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA549 BURR-BROWN-OPA549 Datasheet
140Kb / 14P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK181 MSK-MSK181 Datasheet
518Kb / 6P
   HIGH VOLTAGE/HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_06 Datasheet
742Kb / 18P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA544 TI-OPA544 Datasheet
174Kb / 10P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
3583 BURR-BROWN-3583 Datasheet
113Kb / 6P
   High Voltage, High Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com