Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA544 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. OPA544
Description  High-Voltage, High-Current OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA544 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA544 Datasheet HTML 1Page - Burr-Brown (TI) OPA544 Datasheet HTML 2Page - Burr-Brown (TI) OPA544 Datasheet HTML 3Page - Burr-Brown (TI) OPA544 Datasheet HTML 4Page - Burr-Brown (TI) OPA544 Datasheet HTML 5Page - Burr-Brown (TI) OPA544 Datasheet HTML 6Page - Burr-Brown (TI) OPA544 Datasheet HTML 7Page - Burr-Brown (TI) OPA544 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
®
3
OPA544
Top View
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V– ................................................................... 70V
Output Current ................................................................. See SOA Curve
Input Voltage .................................................... (V–) –0.7V to (V+) +0.7V
Operating Temperature ................................................. –40
°C to +125°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering –10s)(1) ............................................................... 300
°C
CONNECTION DIAGRAMS
NOTE: (1) Vapor-phase or IR reflow techniques are recommended for solder-
ing the OPA544F surface mount package. Wave soldering is not recommended
due to excessive thermal shock and “shadowing” of nearby devices.
V–
V
O
V+
V
IN
V
IN
123 4 5
+
Tab is connected
to V– supply.
5-Lead
Surface Mount
V–
V
O
V+
V
IN
V
IN
123 4 5
5-Lead TO-220
and
Stagger-Formed
TO-220
+
Tab is connected
to V– supply.
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
PACKAGE/ORDERING INFORMATION
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
OPA544T
5-Lead TO-220
315
OPA544T-1 5-Lead Stagger-Formed TO-220
323
OPA544F
5-Lead Surface-Mount
325


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn