Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA501RM Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA501RM
Description  High Current, High Power OPERATIONAL AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA501RM Datasheet(HTML) 6 Page - Burr-Brown (TI)

  OPA501RM Datasheet HTML 1Page - Burr-Brown (TI) OPA501RM Datasheet HTML 2Page - Burr-Brown (TI) OPA501RM Datasheet HTML 3Page - Burr-Brown (TI) OPA501RM Datasheet HTML 4Page - Burr-Brown (TI) OPA501RM Datasheet HTML 5Page - Burr-Brown (TI) OPA501RM Datasheet HTML 6Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
®
OPA501
CURRENT LIMITS
The OPA501 has independent positive and negative current
limit circuits. Current limits are set by the value of R+
SC and
R
SC. The approximate value of these resistors is:
I
LIMIT is the desired maximum current at room temperature in
Amperes and R
SC is in ohms. The current limit value de-
creases with increasing temperature—see typical perfor-
mance curves. The current limit resistors conduct the full
amplifier output current. Power dissipation of the current
limit resistors at maximum current is:
The current limit resistors can be chosen from a variety of
types. Most wire-wound types are satisfactory, although
some physically large resistors may have excessive induc-
tance which can cause instability.
SAFE OPERATING AREA
Stress on the output transistor is determined by the output
current and the voltage across the conducting output transis-
tor. The power dissipated by the output transistor is equal to
the product of the output current and the voltage across the
conducting transistor, V
CE. The Safe Operating Area (SOA),
APPLICATIONS INFORMATION
Grounding techniques can greatly affect the performance of
a power op amp. Figure 1 shows grounds connected so that
load current does not flow through signal ground connec-
tions. Power supply and load connections should be physi-
cally separated from the amplifier input and signal connec-
tions.
Power supply connections to the amplifier should be by-
passed with 10
µF tantalum capacitors connected close to the
device pins. The capacitors should be connected to load
ground as shown.
Figure 2, shows the permissible range of voltage and cur-
rent. SOA is reduced at high operating temperature—see
Figure 3.
The safe output current decreases as V
CE increases. Output
short-circuits are very demanding. A short-circuit to ground
forces the full power supply voltage (positive or negative
side) across the conducting transistor. With V
S = ±30V, the
current limit must be set for 2A to be safe for short-circuit
to ground. For further information on SOA and evaluating
signal and load conditions, consult Applications Bulletin
AB-039.
HEAT SINKING
Most applications require a heat sink to assure that the
maximum junction temperature of 200
°C is not exceeded.
The size of the heat sink required depends on the power
dissipated by the amplifier and ambient temperature condi-
tions. Application Bulletin AB-039 explains how to find
maximum power dissipation for DC, AC, reactive loads, and
other conditions. Applications Bulletin AB-038 shows how
to determine heat sink requirements.
The case of the OPA501 is isolated from all circuitry and can
be fastened directly to a heat sink. This eliminates cumber-
some insulating hardware that degrades thermal perfor-
mance. See Applications Bulletin AB-037 for information
on mounting techniques and procedures.
FIGURE 3. Transistor Safe Operating Area at +125
°C Case
Temperature.
FIGURE 1. Basic Circuit Connections.
FIGURE 2. Transistor Safe Operating Area at +25
°C Case
Temperature.
P
MAX = (I LIMIT )
2 R
SC
1
2
4
6
10
20
40
60 80
10
4
2
1.0
0.8
0.6
0.4
0.2
0.1
Voltage Across Output Transistor (V)
8
6
100
Maximum
Specified
Current
8
T
CASE = +25°C
T
JUNCTION = +200°C
JC = 2.2°C/W
θ
1ms
0.5ms
Maximum
Specified
Voltage
RM, AM
SM, BM
5ms
DC
Power
Dissipation
Limit
Second
Breakdown
Limit
1
2
4
6
10
20
40
60 80
10
4
2
1.0
0.8
0.6
0.4
0.2
0.1
Voltage Across Output Transistor (V)
8
6
100
Maximum
Specified
Current
8
T
CASE = +125°C
T
JUNCTION = +200°C
JC = 2.2°C/W
θ
0.5ms
1ms
Maximum
Specified
Voltage
RM, AM
SM, BM
5ms
DC
+
(1)
+
(1)
OPA501
R
SC
R
SC
+
R
2
R
1
V
IN
V–
V+
G = 1 +
R
2
R
1
NOTE: (1) 10µF Tantalum.
Load
R
SC =
0. 65
I
LIMIT
− 0.0437Ω


Similar Part No. - OPA501RM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA502 BURR-BROWN-OPA502 Datasheet
142Kb / 10P
   High Current, High Power OPERATIONAL AMPLIFIER
OPA502BM BURR-BROWN-OPA502BM Datasheet
142Kb / 10P
   High Current, High Power OPERATIONAL AMPLIFIER
More results

Similar Description - OPA501RM

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA511 BURR-BROWN-OPA511 Datasheet
65Kb / 6P
   High Current-High Power OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA541SK ETC-OMA541SK Datasheet
59Kb / 4P
   HIGH POWER, HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA502 BURR-BROWN-OPA502 Datasheet
142Kb / 10P
   High Current, High Power OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
OMA8201SF ETC-OMA8201SF Datasheet
18Kb / 2P
   DUAL HIGH POWER, HIGH CURRENT OPERATIONAL AMPLIFIER MODULE
logo
Texas Instruments
OPA548FKTWT TI-OPA548FKTWT Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
OPA549 TI-OPA549_12 Datasheet
444Kb / 18P
[Old version datasheet]   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547 Datasheet
175Kb / 13P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA548 TI1-OPA548 Datasheet
2Mb / 39P
[Old version datasheet]   High-Voltage, High-Current Operational Amplifier
OPA561 TI-OPA561 Datasheet
545Kb / 16P
[Old version datasheet]   High-Current, High-Speed OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA547 BURR-BROWN-OPA547_02 Datasheet
319Kb / 16P
   High-Voltage, High-Current OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com