Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4658U Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA4658U
Description  Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4658U Datasheet(HTML) 2 Page - Burr-Brown (TI)

  OPA4658U Datasheet HTML 1Page - Burr-Brown (TI) OPA4658U Datasheet HTML 2Page - Burr-Brown (TI) OPA4658U Datasheet HTML 3Page - Burr-Brown (TI) OPA4658U Datasheet HTML 4Page - Burr-Brown (TI) OPA4658U Datasheet HTML 5Page - Burr-Brown (TI) OPA4658U Datasheet HTML 6Page - Burr-Brown (TI) OPA4658U Datasheet HTML 7Page - Burr-Brown (TI) OPA4658U Datasheet HTML 8Page - Burr-Brown (TI) OPA4658U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
®
OPA4658
FREQUENCY RESPONSE
Closed-Loop Bandwidth(2)
G = +2
450
T(1)
MHz
G = +5
195
T
MHz
G = +10
130
T
MHz
Slew Rate(3)
G = +2, 2V Step
1700
1000
T
V/
µs
At Minimum Specified Temperature
1500
900
T
V/
µs
Settling Time: 0.01%
G = +2, 2V Step
20
T
ns
0.1%
G = +2, 2V Step
15.1
T
ns
1%
G = +2, 2V Step
4.8
T
ns
Spurious Free Dynamic Range
f = 5MHz, G = +2, VO = 2Vp-p
66
T
dBc
f = 20MHz, G = +2, VO = 2Vp-p
57
T
dBc
Third-Order Intercept Point
f = 10MHz
38
T
dBm
Differential Gain
G = +2, NTSC, VO = 1.4Vp-p, RL = 150Ω
0.015
T
%
Differential Phase
G = +2, NTSC, VO = 1.4Vp-p, RL = 150Ω
0.02
T
degrees
Crosstalk
Input Referred, 5MHz, Three Active Channels
–74
T
dB
Input Referred, 5MHz, Channel-to-Channel
–85
T
dB
OFFSET VOLTAGE
Input Offset Voltage
±1.5
±5.5
±2
±5mV
Over Temperature
±5
±8
±4
±8mV
Power Supply Rejection
VS = ±4.5 to ±5.5V
55
70
58
75
dB
INPUT BIAS CURRENT
Non-Inverting
VCM = 0V
±6.5
±30
T
±18
µA
Over Temperature
±10
±80
T
±35
µA
Inverting
VCM = 0V
±1.1
±35
TT
µA
Over Temperature
±30
±75
TT
µA
NOISE
Input Voltage Noise Density
f = 100Hz
16
T
nV/
√Hz
f = 10kHz
3.6
T
nV/
√Hz
f = 1MHz
3.2
T
nV/
√Hz
fB = 100Hz to 200MHz
45
T
µVrms
Inverting Input Bias Current
Noise Density: f = 10MHz
32
T
pA/
√Hz
Non-Inverting Input Current
Noise Density: f = 10MHz
12
T
pA/
√Hz
Noise Figure (NF)
RS = 100Ω
9.5
T
dBm
RS = 50Ω
11
T
dBm
INPUT VOLTAGE RANGE
Common-Mode Input Range
±2.9
T
V
Over Temperature
±2.5
T
V
Common-Mode Rejection
VCM = ±1V
45
52
TT
dB
INPUT IMPEDANCE
Non-Inverting
500 || 1
T
k
Ω ||pF
Inverting
25
T
OPEN-LOOP TRANSIMPEDANCE
Open-Loop Transimpedance
VO = ±2V, RL = 100Ω
150
350
200
360
k
Over Temperature
VO = ±2V, RL = 100Ω
100
290
150
300
k
OUTPUT
Voltage Output
No Load
±2.7
±3.0
TT
V
Over Temperature
±2.5
±2.75
TT
V
Voltage Output
RL = 250Ω±2.7
±3.0
TT
V
Over Temperature
±2.5
±2.7
TT
V
Voltage Output
RL = 100Ω±2.2
±2.7
TT
V
Over Temperature
±2.0
±2.5
TT
V
Output Current, Sourcing
80
120
TT
mA
Over Temperature Range
70
T
mA
Output Current, Sinking
60
80
TT
mA
Over Temperature Range
35
T
mA
Short Circuit Current
150
T
mA
Output Resistance
1MHz, G = +2
0.1
T
POWER SUPPLY
Specified Operating Voltage
±5
T
V
Operating Voltage Range
±4.5
±5.5
TT
V
Quiescent Current
All Channels, VS = ±5V
±19
±31
±13
±20
±23
mA
Over Temperature
±20
±34
±21
±26
mA
TEMPERATURE RANGE
Specification: P, U, UB
–40
+85
TT
°C
Thermal Resistance,
θ
JA
P
75
T
°C/W
U
75
T
°C/W
SPECIFICATIONS
OPA4658P, U
OPA4658UB
PARAMETER
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
At TA = +25°C, VS = ±5V, RL = 100Ω, CL = 2pF, RFB = 402Ω, unless otherwise noted.
NOTES: (1) An asterisk (T) specifies the same value as the grade to the left. (2) Bandwidth can be affected by a non-optimal PC board layout. Refer to the
demonstration board layout for details. (3) Slew rate is rate of change from 10% to 90% of output voltage step.


Similar Part No. - OPA4658U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4658U TI1-OPA4658U Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA4658U/2K5 TI1-OPA4658U/2K5 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA4658UB TI1-OPA4658UB Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA4658U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA694 BURR-BROWN-OPA694 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA4650 BURR-BROWN-OPA4650 Datasheet
235Kb / 13P
   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Texas Instruments
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com