Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4650U Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA4650U
Description  Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA4650U Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA4650U Datasheet HTML 5Page - Burr-Brown (TI) OPA4650U Datasheet HTML 6Page - Burr-Brown (TI) OPA4650U Datasheet HTML 7Page - Burr-Brown (TI) OPA4650U Datasheet HTML 8Page - Burr-Brown (TI) OPA4650U Datasheet HTML 9Page - Burr-Brown (TI) OPA4650U Datasheet HTML 10Page - Burr-Brown (TI) OPA4650U Datasheet HTML 11Page - Burr-Brown (TI) OPA4650U Datasheet HTML 12Page - Burr-Brown (TI) OPA4650U Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
®
OPA4650
impossible to achieve a smooth, stable response. Best results
are obtained by soldering the part onto the board. If socket-
ing for the DIP package is desired, high frequency flush
mount pins (e.g., McKenzie Technology #710C) can give
good results.
The OPA4650 is nominally specified for operation using
±5V
power supplies. A 10% tolerance on the supplies, or an ECL
–5.2V for the negative supply, is within the maximum speci-
fied total supply voltage of 11V. Higher supply voltages can
break down internal junctions possibly leading to catastrophic
failure. Single supply operation is possible as long as com-
mon mode voltage constraints are observed. The common
mode input and output voltage specifications can be inter-
preted as a required headroom to the supply voltage. Observ-
ing this input and output headroom requirement will allow
non-standard or single supply operation. Figure 1 shows one
approach to single-supply operation.
OFFSET VOLTAGE ADJUSTMENT
One simple way to null the initial offset voltage while
retaining the low offset drift of the OPA4650 is shown in
Figure 2. The 20k
Ω potentiometer and the 47kΩ series
resistor RTRIM create a small correction current which is
summed into the inverting node. The 0.1
µF capacitor keeps
high-frequency power supply noise from coupling into the
signal path. Although the initial offset will be nulled to zero
with this technique, issues of temperature drift must also be
considered. The additional resistor R
3 is shown matched to
the parallel combination R1 and R2 (the RTRIM path is
assumed to be negligible in this calculation). This will
eliminate the first-order offset drift due to input bias current
leaving only the input offset current (I
OS) drift multiplied by
the feedback resistor R2.
ESD PROTECTION
ESD damage has been a well recognized source of degrada-
tion for MOSFET type circuits, but any semiconductor
device can be vulnerable to damage. This becomes more of
an issue for very high speed processes like that used for the
FIGURE 1. Single Supply Operation.
FIGURE 2. Offset Voltage Trim.
OPA4650. ESD damage can cause subtle changes in ampli-
fier input characteristics without necessarily destroying the
device. In precision operational amplifiers, this may cause a
noticeable degradation of offset voltage and drift. ESD
handling precautions are strongly recommended when han-
dling the OPA4650.
OUTPUT DRIVE CAPABILITY
The OPA4650 has been optimized to drive 75
Ω and 100Ω
resistive loads. The device can drive 1Vp-p into a 75
load. This high output drive capability makes the OPA4650
an ideal choice for a wide range of RF, IF and video
applications. In many cases, additional buffer amplifiers
are unnecessary.
Many demanding high speed applications, such as driving
Analog-to-Digital converters, require op amps with low
wideband output impedance. For example, low output imped-
ance is essential when driving the signal-dependent capaci-
tance at the input of a flash A/D converter. As shown in
Figure 3, the OPA4650 maintains very low closed-loop
output impedance over frequency. Closed-loop output imped-
ance increases with frequency since loop gain is decreasing.
SMALL-SIGNAL OUTPUT IMPEDANCE
vs FREQUENCY
Frequency (Hz)
1k
100
10
1
0.1
0.01
10k
100k
1M
100M
10M
G = +1
FIGURE 3. Small-Signal Output Impedance vs Frequency.
R
2
OPA4650
R
3 = R1 || R2
(1)
R
1
R
TRIM
+V
s
–V
S
20k
V
IN or Ground
Output Trim Range
+V
S
to –V
S
NOTE: (1) R
3 is optional and can be used to cancel offset errors
due to input bias currents.
R
TRIM
47k
R
2
R
2
R
TRIM
0.1µF
R
G
402
1/4
OPA4650
V
AC
R
F
402
R
L
+V
S
+V
S
V
S
2
R
OUT
V
S
2
V
OUT =
+ A
V VAC
A
V = 1 +
R
F
R
G


Similar Part No. - OPA4650U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4650U TI1-OPA4650U Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
OPA4650U/2K5 TI1-OPA4650U/2K5 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA4650U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4650 TI1-OPA4650 Datasheet
185Kb / 14P
[Old version datasheet]   Wideband, Low Power, Quad Voltage Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA650 BURR-BROWN-OPA650 Datasheet
183Kb / 12P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA2650 BURR-BROWN-OPA2650 Datasheet
215Kb / 12P
   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2650 TI1-OPA2650 Datasheet
169Kb / 13P
[Old version datasheet]   Dual Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com