Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2342UA Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2342UA
Description  Low Cost, Low Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2342UA Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button OPA2342UA Datasheet HTML 2Page - Burr-Brown (TI) OPA2342UA Datasheet HTML 3Page - Burr-Brown (TI) OPA2342UA Datasheet HTML 4Page - Burr-Brown (TI) OPA2342UA Datasheet HTML 5Page - Burr-Brown (TI) OPA2342UA Datasheet HTML 6Page - Burr-Brown (TI) OPA2342UA Datasheet HTML 7Page - Burr-Brown (TI) OPA2342UA Datasheet HTML 8Page - Burr-Brown (TI) OPA2342UA Datasheet HTML 9Page - Burr-Brown (TI) OPA2342UA Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
®
OPA342, 2342, 4342
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = +5V, and RL = 10kΩ connected to VS/2, unless otherwise noted.
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
0
Output Current (mA)
5
10
15
20
V+
(V+) – 1
(V+) – 2
2
1
0
85
°C
25
°C
–40
°C
85
°C
25
°C
–40
°C
OPEN-LOOP GAIN vs OUTPUT VOLTAGE SWING
120
110
100
90
80
Output Voltage Swing from Rail (mV)
120
100
80
60
40
20
0
R
L = 5kΩ
R
L = 100kΩ
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (mV)
24
20
16
12
8
4
0
Typical production
distribution of
packaged units.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
Quiescent Current (
µA)
QUIESCENT CURRENT
PRODUCTION DISTRIBUTION
24
20
16
12
8
4
0
SETTLING TIME vs CLOSED-LOOP GAIN
1
Closed-Loop Gain (V/V)
10
100
0.01%
0.1%
1000
400
350
300
250
200
150
100
50
0


Similar Part No. - OPA2342UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2342UA BURR-BROWN-OPA2342UA Datasheet
322Kb / 13P
   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2342UA TI1-OPA2342UA Datasheet
879Kb / 15P
[Old version datasheet]   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA2342UA/2K5 TI1-OPA2342UA/2K5 Datasheet
879Kb / 15P
[Old version datasheet]   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA2342UA/2K5G4 TI1-OPA2342UA/2K5G4 Datasheet
879Kb / 15P
[Old version datasheet]   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA2342UA2K5 BURR-BROWN-OPA2342UA2K5 Datasheet
322Kb / 13P
   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results

Similar Description - OPA2342UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA342 BURR-BROWN-OPA342_06 Datasheet
322Kb / 13P
   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
[Old version datasheet]   Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA344 NSC-OPA344 Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
   Low cost,low power,input/output rail-to-rail operational amplifiers
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
   Low cost low power input/output rail-to-rail operational amplifiers
February 2008 Rev 3
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com