Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA340UA Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA340UA
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA340UA Datasheet(HTML) 1 Page - Burr-Brown (TI)

  OPA340UA Datasheet HTML 1Page - Burr-Brown (TI) OPA340UA Datasheet HTML 2Page - Burr-Brown (TI) OPA340UA Datasheet HTML 3Page - Burr-Brown (TI) OPA340UA Datasheet HTML 4Page - Burr-Brown (TI) OPA340UA Datasheet HTML 5Page - Burr-Brown (TI) OPA340UA Datasheet HTML 6Page - Burr-Brown (TI) OPA340UA Datasheet HTML 7Page - Burr-Brown (TI) OPA340UA Datasheet HTML 8Page - Burr-Brown (TI) OPA340UA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
OPA340/2340/4340
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Out D
–In D
+In D
–V
+In C
–In C
Out C
NC
Out A
–In A
+In A
+V
+In B
–In B
Out B
NC
OPA4340
SSOP-16
AD
BC
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2340
8-Pin DIP, SO-8, MSOP-8
A
B
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
–In
+In
V–
OPA340
8-Pin DIP, SO-8
1
2
3
5
4
V+
–In
Out
V–
+In
OPA340
SOT-23-5
SINGLE-SUPPLY, RAIL-TO-RAIL
OPERATIONAL AMPLIFIERS
Micro
Amplifier Series
FEATURES
q RAIL-TO-RAIL INPUT
q RAIL-TO-RAIL OUTPUT (within 1mV)
q MicroSIZE PACKAGES
q WIDE BANDWIDTH: 5.5MHz
q HIGH SLEW RATE: 6V/
µs
q LOW THD+NOISE: 0.0007% (f = 1kHz)
q LOW QUIESCENT CURRENT: 750
µA/channel
q SINGLE, DUAL, AND QUAD
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
APPLICATIONS
q DRIVING A/D CONVERTERS
q PCMCIA CARDS
q DATA ACQUISITION
q PROCESS CONTROL
q AUDIO PROCESSING
q COMMUNICATIONS
q ACTIVE FILTERS
q TEST EQUIPMENT
DESCRIPTION
OPA340 series rail-to-rail CMOS operational amplifi-
ers are optimized for low voltage, single supply opera-
tion. Rail-to-rail input/output and high speed operation
make them ideal for driving sampling analog-to-digital
converters. They are also well suited for general pur-
pose and audio applications as well as providing I/V
conversion at the output of D/A converters. Single,
dual, and quad versions have identical specifications
for design flexibility.
The OPA340 series operates on a single supply as low as
2.5V with an input common-mode voltage range that
extends 500mV below ground and 500mV above the
positive supply. Output voltage swing is to within 1mV
of the supply rails with a 100k
Ω load. They offer excel-
lent dynamic response (BW = 5.5MHz, SR = 6V/
µs), yet
quiescent current is only 750
µA. Dual and quad designs
feature completely independent circuitry for lowest
crosstalk and freedom from interaction.
The single (OPA340) packages are the tiny 5-lead
SOT-23-5 surface mount, SO-8 surface mount, and
8-pin DIP. The dual (OPA2340) comes in the minia-
ture MSOP-8 surface mount, SO-8 surface mount,
and 8-pin DIP packages. The quad (OPA4340) pack-
ages are the space-saving SSOP-16 surface mount,
SO-14 surface mount, and the 14-pin DIP. All are
specified from –40
°C to +85°C and operate from
–55
°C to +125°C. A SPICE macromodel is available
for design analysis.
OPA4340
OPA340
OPA2340
OPA4340
®
OPA340
OPA2340
OPA4340
© 1997 Burr-Brown Corporation
PDS-1404C
Printed in U.S.A. December, 1997


Similar Part No. - OPA340UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA340UA BURR-BROWN-OPA340UA Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340UA/2K5 BURR-BROWN-OPA340UA/2K5 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340UA/2K5G4 BURR-BROWN-OPA340UA/2K5G4 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340UAG4 BURR-BROWN-OPA340UAG4 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results

Similar Description - OPA340UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
logo
Burr-Brown (TI)
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA344 NSC-OPA344 Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com