Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SODF155TSH Datasheet(PDF) 4 Page - Leshan Radio Company

Part # SODF155TSH
Description  Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SODF155TSH Datasheet(HTML) 4 Page - Leshan Radio Company

  SODF155TSH Datasheet HTML 1Page - Leshan Radio Company SODF155TSH Datasheet HTML 2Page - Leshan Radio Company SODF155TSH Datasheet HTML 3Page - Leshan Radio Company SODF155TSH Datasheet HTML 4Page - Leshan Radio Company SODF155TSH Datasheet HTML 5Page - Leshan Radio Company SODF155TSH Datasheet HTML 6Page - Leshan Radio Company SODF155TSH Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4.Packing information
Unit:mm
SODF151T-SH thru SODF157T-SH
A
0.1
2.00
B
0.1
3.85
C
0.1
1.10
d
0.1
1.50
D
2.0
-
D1
min
-
D
2.0
178.00
D1
min
62.00
D2
0.5
13.00
E
0.1
1.75
F
0.1
3.50
P
0.1
4.00
P0
0.1
4.00
P1
0.1
2.00
T
0.1
0.23
W
0.3
8.00
W1
1.0
11.40
SOD123-FL
Carrier length
Carrier depth
Sprocket hole
Item
Symbol
tolerance
Carrier width
Punch hole pitch
Spocket hole pitch
7" Reel inner diameter
Feed hole diameter
Sprocket hole position
13" Reel outside diameter
13" Reel inner diameter
7" Reel outside diameter
Embossment center
Overall tape thickness
Tape width
Reel width
Punch hole position


Similar Part No. - SODF155TSH

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SODF155TSH LRC-SODF155TSH Datasheet
172Kb / 7P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
More results

Similar Description - SODF155TSH

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SODF151-SH LRC-SODF151-SH Datasheet
187Kb / 7P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
SODF151T-SH LRC-SODF151T-SH Datasheet
172Kb / 7P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
SODF157T-SH LRC-SODF157T-SH Datasheet
314Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RGP15MA LRC-RGP15MA Datasheet
533Kb / 7P
   Glass Passivated Junction Fast Switching Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
SODF107-SH LRC-SODF107-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF201 LRC-FFMAF201 Datasheet
314Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
FFMAF107 LRC-FFMAF107 Datasheet
248Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF207T LRC-FFMAF207T Datasheet
314Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
SODF101-SH LRC-SODF101-SH Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
FFMAF207L LRC-FFMAF207L Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 1000V Forward Current 2.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com