Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF68 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # SF68
Description  Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF68 Datasheet(HTML) 5 Page - Leshan Radio Company

  SF68 Datasheet HTML 1Page - Leshan Radio Company SF68 Datasheet HTML 2Page - Leshan Radio Company SF68 Datasheet HTML 3Page - Leshan Radio Company SF68 Datasheet HTML 4Page - Leshan Radio Company SF68 Datasheet HTML 5Page - Leshan Radio Company SF68 Datasheet HTML 6Page - Leshan Radio Company SF68 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
标题:
1.4
标签要求 label spec.
1.4.1
LRC标签 LRC label
成型规格forming spec.
1.4.2环保标签 environmental protection label
2.外箱规格 cartoon spec.
单位:mm
L
WH
T52
430
±2
280
±2
225
±2
3 按以上包装方式,编带数量和外包装箱产品数量:typing and cartoon spec.
塑封外型
R-6
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
2
每根编带数量
quantity/ammo
外箱数量(T52编带)
quantity/cartoon
0.4K
4.0K
L
W
H
外箱标签cartoon label
*******
LRC产品型号 type
****
**
****
产品重复峰压值 peak repetive voltage
产品额定电流值 average output current
产品数量 quantity
*******
产品生产日期 date


Similar Part No. - SF68

ManufacturerPart #DatasheetDescription
logo
Bytes
SF68 BYTES-SF68 Datasheet
160Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
logo
Microdiode Electronics ...
SF68 CHENDA-SF68 Datasheet
535Kb / 2P
   SUPER FAST RECTIFIER
logo
First Silicon Co., Ltd
SF68 FS-SF68 Datasheet
602Kb / 2P
   GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
SF68 TSC-SF68 Datasheet
70Kb / 2P
   6.0 AMPS. Super Fast Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SF68 YFWDIODE-SF68 Datasheet
70Kb / 2P
   6.0 AMP SUPER FAST RECTIFIERS
More results

Similar Description - SF68

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF51 LRC-SF51 Datasheet
232Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
logo
Rugao Dachang Electroni...
SF61 DACHANG-SF61 Datasheet
121Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
logo
Leshan Radio Company
SF21 LRC-SF21_14 Datasheet
325Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
SF601G LRC-SF601G Datasheet
179Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
logo
Cystech Electonics Corp...
SF560 CYSTEKEC-SF560 Datasheet
348Kb / 3P
   Super-fast Plastic Rectifiers Reverse Voltage 400V to 600V Forward Current 5A
logo
Leshan Radio Company
SF61G LRC-SF61G Datasheet
245Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
SF31 LRC-SF31_14 Datasheet
204Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF41 LRC-SF41 Datasheet
206Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF31G LRC-SF31G Datasheet
75Kb / 3P
   Glass Passivated Junction Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com