Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA340PA Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA340PA
Description  SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA340PA Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA340PA Datasheet HTML 1Page - Burr-Brown (TI) OPA340PA Datasheet HTML 2Page - Burr-Brown (TI) OPA340PA Datasheet HTML 3Page - Burr-Brown (TI) OPA340PA Datasheet HTML 4Page - Burr-Brown (TI) OPA340PA Datasheet HTML 5Page - Burr-Brown (TI) OPA340PA Datasheet HTML 6Page - Burr-Brown (TI) OPA340PA Datasheet HTML 7Page - Burr-Brown (TI) OPA340PA Datasheet HTML 8Page - Burr-Brown (TI) OPA340PA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
®
OPA340/2340/4340
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = +5V, and RL = 10kΩ connected to VS/2, unless otherwise noted.
QUIESCENT CURRENT vs TEMPERATURE
1000
900
800
700
600
500
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
Per Amplifier
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (°C)
100
90
80
70
60
50
40
30
20
10
0
–75
–50
–25
0
25
50
75
100
125
–I
SC
+I
SC
SHORT-CIRCUIT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
60
50
40
30
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
+I
SC
–I
SC
COMMON-MODE REJECTION vs TEMPERATURE
100
90
80
70
60
50
40
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
V
S = 5V, VCM = –0.3V to 5.3V
V
S = 2.7V, VCM = –0.3V to 3V
V
S = 2.7V to 5V, VCM = –0.3V to (V+) –1.8V
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
800
750
700
650
600
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Per Amplifier
OPEN-LOOP GAIN AND POWER SUPPLY REJECTION
vs TEMPERATURE
130
120
110
100
90
80
Temperature (°C)
–75
–50
–25
0
25
50
75
100
125
R
L = 100kΩ
R
L = 10kΩ
R
L = 2kΩ
AOL
PSRR


Similar Part No. - OPA340PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA340PA BURR-BROWN-OPA340PA Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA340PAG4 BURR-BROWN-OPA340PAG4 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
More results

Similar Description - OPA340PA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA340 BURR-BROWN-OPA340_06 Datasheet
709Kb / 20P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier TM Series
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2343EA-2K5 TI-OPA2343EA-2K5 Datasheet
859Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA2343EA TI-OPA2343EA Datasheet
842Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS microAmplifier Series
OPA340NA-250 TI-OPA340NA-250 Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA350 TI1-OPA350 Datasheet
1Mb / 40P
[Old version datasheet]   Rail-to-Rail Operational Amplifiers MicroAmplifier Series
logo
Burr-Brown (TI)
OPA344 BURR-BROWN-OPA344 Datasheet
243Kb / 11P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
National Semiconductor ...
OPA344 NSC-OPA344 Datasheet
1Mb / 29P
   LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com