Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2228U Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2228U
Description  High Precision, Low Noise OPERATIONAL AMPLIFIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2228U Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA2228U Datasheet HTML 3Page - Burr-Brown (TI) OPA2228U Datasheet HTML 4Page - Burr-Brown (TI) OPA2228U Datasheet HTML 5Page - Burr-Brown (TI) OPA2228U Datasheet HTML 6Page - Burr-Brown (TI) OPA2228U Datasheet HTML 7Page - Burr-Brown (TI) OPA2228U Datasheet HTML 8Page - Burr-Brown (TI) OPA2228U Datasheet HTML 9Page - Burr-Brown (TI) OPA2228U Datasheet HTML 10Page - Burr-Brown (TI) OPA2228U Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
OPA227, 2227, 4227
OPA228, 2228, 4228
7
SBOS110A
www.ti.com
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, RL = 10kΩ, and VS = ±15V, unless otherwise noted.
–60
–40
–20
0
20
40
60
80
100
120 140
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
Temperature (
°C)
INPUT BIAS CURRENT vs TEMPERATURE
–75
–50
–25
0
25
50
75
100
125
60
50
40
30
20
10
0
Temperature (
°C)
SHORT-CIRCUIT CURRENT vs TEMPERATURE
+I
SC
–I
SC
QUIESCENT CURRENT vs TEMPERATURE
100
120 140
Temperature (
°C)
–60
–40
–20
0
20
40
60
80
5.0
4.5
4.0
3.5
3.0
2.5
±10V
±5V
±2.5V
±18V
±15V
±12V
QUIESCENT CURRENT vs SUPPLY VOLTAGE
20
Supply Voltage (
±V)
0
2
4
6
8
101214
16
18
3.8
3.6
3.4
3.2
3.0
2.8
–75
–50
–25
0
25
50
75
100
125
160
150
140
130
120
110
100
90
80
70
60
Temperature (
°C)
A
OL, CMRR, PSRR vs TEMPERATURE
CMRR
PSRR
A
OL
OPA227
–75
–50
–25
0
25
50
75
100
125
160
150
140
130
120
110
100
90
80
70
60
Temperature (
°C)
A
OL, CMRR, PSRR vs TEMPERATURE
CMRR
PSRR
A
OL
OPA228


Similar Part No. - OPA2228U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2228U TI1-OPA2228U Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
OPA2228UA TI-OPA2228UA Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA2228UA TI1-OPA2228UA Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
OPA2228UA2K5 TI-OPA2228UA2K5 Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA2228UAE4 TI1-OPA2228UAE4 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
More results

Similar Description - OPA2228U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA227 TI-OPA227_07 Datasheet
838Kb / 27P
[Old version datasheet]   High Precision, Low Noise OPERATIONAL AMPLIFIERS
OPA227 TI1-OPA227 Datasheet
1Mb / 46P
[Old version datasheet]   High Precision, Low Noise Operational Amplifiers
logo
National Semiconductor ...
LH0044 NSC-LH0044 Datasheet
220Kb / 8P
   PRECISION LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27A TI-OP27A Datasheet
322Kb / 21P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
OP-37 LINER-OP-37_15 Datasheet
873Kb / 12P
   LOW NOISE HIGH SPEED PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP27GU TI-OP27GU Datasheet
314Kb / 22P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
LT1007 TI-LT1007 Datasheet
306Kb / 24P
[Old version datasheet]   LOW-NOISE, HIGH-SPEED, PRECISION OPERATIONAL AMPLIFIERS
logo
Linear Technology
LT1007 LINER-LT1007_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
LT1037 LINER-LT1037_15 Datasheet
524Kb / 16P
   Low Noise, High Speed Precision Operational Amplifiers
logo
Texas Instruments
OP27A TI1-OP27A_14 Datasheet
327Kb / 23P
[Old version datasheet]   LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com