Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF55 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # SF55
Description  Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF55 Datasheet(HTML) 3 Page - Leshan Radio Company

  SF55 Datasheet HTML 1Page - Leshan Radio Company SF55 Datasheet HTML 2Page - Leshan Radio Company SF55 Datasheet HTML 3Page - Leshan Radio Company SF55 Datasheet HTML 4Page - Leshan Radio Company SF55 Datasheet HTML 5Page - Leshan Radio Company SF55 Datasheet HTML 6Page - Leshan Radio Company SF55 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3. dimension:
SF51 thru SF58


Similar Part No. - SF55

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF55 MOSPEC-SF55 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
DONGGUAN YOU FENG WEI E...
SF55 YFWDIODE-SF55 Datasheet
163Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
SF55 BILIN-SF55 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
logo
HY ELECTRONIC CORP.
SF55 HY-SF55 Datasheet
413Kb / 3P
   Super Fast Recovery Recitifiers
logo
Diotech Company.
SF55 DIOTECH-SF55 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
More results

Similar Description - SF55

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF61 LRC-SF61 Datasheet
205Kb / 7P
   Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 6.0A
logo
Rugao Dachang Electroni...
SF51 DACHANG-SF51 Datasheet
120Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
logo
Leshan Radio Company
SF21 LRC-SF21_14 Datasheet
325Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 2.0A
SF11 LRC-SF11_14 Datasheet
223Kb / 7P
   Super Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 1.0A
logo
Cystech Electonics Corp...
SF560 CYSTEKEC-SF560 Datasheet
348Kb / 3P
   Super-fast Plastic Rectifiers Reverse Voltage 400V to 600V Forward Current 5A
logo
Leshan Radio Company
SF51G LRC-SF51G Datasheet
193Kb / 7P
   Glass Passivated Junction Ultra Fast Rectifiers Reverse Voltage 50 to 600V Forward Current 5.0A
SF31 LRC-SF31_14 Datasheet
204Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
SF41 LRC-SF41 Datasheet
206Kb / 7P
   per Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 4.0A
SF31G LRC-SF31G Datasheet
75Kb / 3P
   Glass Passivated Junction Super Fast Plastic Rectifiers Reverse Voltage 50 to 600V Forward Current 3.0A
logo
Rugao Dachang Electroni...
HER501 DACHANG-HER501 Datasheet
139Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 5.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com